Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM-RRS3-433 Datasheet(PDF) 2 Page - rfsolutions.ltd

Part # AM-RRS3-433
Description  AM SUPERHETRODYNE RECEIVERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

AM-RRS3-433 Datasheet(HTML) 2 Page - rfsolutions.ltd

  AM-RRS3-433 Datasheet HTML 1Page - rfsolutions.ltd AM-RRS3-433 Datasheet HTML 2Page - rfsolutions.ltd AM-RRS3-433 Datasheet HTML 3Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS017-7
Mar ‘03
©2003 REG No 277 4001, England.
Page 2
AM SUPERHETRODYNE RECEIVERS.
AM-RRS3-XXX
Mechanical Dimensions
Pin Descriptions
RRS3
RRQ3
Pin No
Pin Name
Pin No
Pin Name
1
+Vcc
1
+Vcc
2
GND
2
GND
3
DATA IN (Antenna)
3
DATA IN (Antenna)
7
GND
7
GND
11
GND
11
GND
12
NC
12
NC
13
NC
13
RSSI (output)
14
DATA OUT
14
DATA OUT
15
+VCC
15
PD (Power Down input)
0 = Standby Mode (Istandby100nA max)
5V = Normal Operation
Electrical Characteristics (Applies to all variants below)
Ambient temperature
= 25
oC.
Electrical Characteristics
Min
Typical
Max
Dimension
Supply Voltage (Vcc)
4.5
5
5.5
V
Supply Current
5
6
mA
Receiver Frequency 315MHz variants
315
MHz
Receiver Frequency 433MHz variants
433.92
MHz
Receiver Frequency 868MHz variants
868.35
MHz
Low Level Output Voltage
0.8
V
High Level Output Voltage
Vcc-1
V
Operating Temperature Range
-25
+80
o C
AM-RRS3 Electrical Characteristics
Electrical Characteristics
Min
Typical
Max
Dimension
R.F Sensitivity (100% AM)
-106
dBm
3dB Bandwidth
+/-400
KHz
Max Data Rate
4.8
KHz
Turn on Time (Power on to Data valid)
20
mSecs
Level of Emitted Spectrum
-70
-65
dBm
AM-RRQ3 Electrical Characteristics
Electrical Characteristics
Min
Typical
Max
Dimension
R.F Sensitivity (100% AM)
-107
dBm
3dB Bandwidth
+/-200
KHz
Max Data Rate
4.8
KHz
Level of Emitted Spectrum
-70
dBm
Component Side
1
3
38.1mm
14.5mm
2.54mm
7
11
15
Notes
Pins on 0.1" pitch
Pin Dims :0.25 x 0.50mm
4mm
1mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com