Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM-RCHN-XXXRS Datasheet(PDF) 2 Page - rfsolutions.ltd

Part # FM-RCHN-XXXRS
Description  FM REMOTE CONTROL SYSTEM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

FM-RCHN-XXXRS Datasheet(HTML) 2 Page - rfsolutions.ltd

  FM-RCHN-XXXRS Datasheet HTML 1Page - rfsolutions.ltd FM-RCHN-XXXRS Datasheet HTML 2Page - rfsolutions.ltd FM-RCHN-XXXRS Datasheet HTML 3Page - rfsolutions.ltd FM-RCHN-XXXRS Datasheet HTML 4Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS000032 Rev 1.5
July ‘99
©1999 REG No 277 4001, ENGLAND.
Page 2
FM REMOTE CONTROL SYSTEM.
FM-RCHN-XXXRS
DECODER CONNECTIONS
WARNING
This appliance may be connected to the mains. The unit is design to be a fixed installation which may be
connected to the mains supply. Before removing the cover, ensure that the mains input supply is removed. Any
operation of the product that involves removal of the front cover should only be carried out by a competent
person or qualified electrician.
DATA OUTPUTS
Output 4 has a variable timed output which maybe adjusted from 10secs to 5 minutes. This is controlled by the
adjustable pot RV1.
Outputs 1 & 2 may be configured as momentary or latching operation by link 2 on the FM-DH0-418 decoder
module.
For use as a standard remote Control system Link 1 MUST be fitted.
RF DECODER LINKS 1 & 2
These links configure the mode of operation.
Configuration
Link 1
Link 2
O/P1
O/P2
O/P3
O/P4
Remote Control
Connected
Open
Latch
Latch
Mom
Timed
Remote Control
Connected
Connected
Mom
Mom
Mom
Timed
For use with FM-ECAC
Auto Transmitting Encoder
Open
Don’t Care
Auto O/P
N/A
Low
Battery
Trig
I/P’s
Note :
The Link status are read only on power up, after changing the links please remember
to remove and re-apply power.
0
0v
v 1
12
2v
v
R
RL
LY
Y 2
2
R
Rx
x D
De
ec
co
od
de
err M
Mo
od
du
ulle
e
((F
FM
M--D
DH
H0
0))
P
PS
SW
W
L
LE
ED
D 1
1
A
An
ntt
R
RL
LY
Y 3
3
R
RL
LY
Y 1
1
R
RL
LY
Y 4
4
L
L
N
N
T
Th
he
e d
de
ec
co
od
de
err
rre
eq
qu
uiirre
es
s e
eiitth
he
err a
a
s
siin
ng
glle
e 1
12
2V
Vd
dc
c
s
su
up
pp
plly
y o
orr
2
24
40
0V
Va
ac
c m
ma
aiin
ns
s..
L
LIIN
NK
KS
S



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com