Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM-RTFQ Datasheet(PDF) 4 Page - rfsolutions.ltd

Part # FM-RTFQ
Description  FM TRANSMITTER & RECEIVER HYBRID MODULES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

FM-RTFQ Datasheet(HTML) 4 Page - rfsolutions.ltd

  FM-RTFQ Datasheet HTML 1Page - rfsolutions.ltd FM-RTFQ Datasheet HTML 2Page - rfsolutions.ltd FM-RTFQ Datasheet HTML 3Page - rfsolutions.ltd FM-RTFQ Datasheet HTML 4Page - rfsolutions.ltd FM-RTFQ Datasheet HTML 5Page - rfsolutions.ltd FM-RTFQ Datasheet HTML 6Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DS069-8 Aug 07
©2007 Reg. No. 227 4001, England
Page 4
FM TRANSMITTER & RECEIVER
HYBRID MODULES.
FM-RTFQ SERIES
FM-RRFQ SERIES
Component Side
1
3
38.1mm
18.3mm
2.54mm
7
11
15
Pin Dimensions :
0.25mm x 0.50mm
4mm
Component Side
1 2
45.72mm
16.5mm
2.54mm
14
18
Pin Dimensions :
0.25mm x 0.50mm
3mm
1mm
RRFQ1 Mechanical Details
RRFQ2 Mechanical Details
Pin Description
RSSI Output*
RRFQ1
RRFQ2
Pin Description
RF In (dBm)
RSSI (V)
1
16
+Vcc
-120
1.20
2, 7,11
2,15
GND
-110
1.32
3
1
Data In (Antenna)
-100
1.50
12
NC
-90
1.78
13
14
Received Signal Strength Output
-80
2.06
N/A
17
AF Output
-70
2.35
14
18
Data Out
-60
2.62
15
N/A
Power Down
-50
2.72
0V = Standby
-40
2.75
5V = Operating
RSSI Output
The RSSI provides a DC Voltage proportional to the peak value of the receive data signal. This output can be
used as an indicator for the received signal strength to use in wake-up circuits etc.
An RC circuit is normally used to provide the timing for the RSSI signal. The modules have a 10nF capacitor
internally connected to GND, therefore a pull down resistor (to GND) connected to the RSSI pin may be used to
generate a simple RC network time constant for the RSSI signal output.
Please note that the maximum output current is typically 950µA, the discharge current is lower than 2µA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com