Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM-RCH1-433RS Datasheet(PDF) 4 Page - rfsolutions.ltd

Part # FM-RCH1-433RS
Description  FM REMOTE CONTROL SYSTEM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

FM-RCH1-433RS Datasheet(HTML) 4 Page - rfsolutions.ltd

  FM-RCH1-433RS Datasheet HTML 1Page - rfsolutions.ltd FM-RCH1-433RS Datasheet HTML 2Page - rfsolutions.ltd FM-RCH1-433RS Datasheet HTML 3Page - rfsolutions.ltd FM-RCH1-433RS Datasheet HTML 4Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DS000032 Rev 1.5
July ‘99
©1999 REG No 277 4001, ENGLAND.
Page 4
FM REMOTE CONTROL SYSTEM.
FM-RCHN-XXXRS
TECHNICAL SPECIFICATIONS
Storage Temperature; -10 to +70
o Celsius.
Operating Temperature; 0 to +55
o Celsius.
Dimension
FM Transmitter
Decoder Enclosure
Length
107mm
112mm
Width
60mm
83mm
Depth
22mm
38mm
FM TRANSMITTER/ENCODER
ELECTRICAL CHARACTERISTICS
MIN
TYPICAL
MAX
DIMENSION
Supply Voltage
8.5
9
12
V
Supply Current ;
Quiescent
0
mA
Supply Current ; Operating
18
mA
RECEIVER / DECODER
ELECTRICAL CHARACTERISTICS
MIN
TYPICAL
MAX
DIMENSION
Supply Voltage for +12 v
11
12.0
16.0
V
Supply Current :
Quiescent
25
mA
All Relays operating
400
mA
Relay Rating (240Vac)
5
A see note
Note : The relays are rated 15A @240Vac, however the PCB track from the relay to screw terminals is rated
5A. Care must be taken to ensure that the power ratings not overloaded.
The Relays output connections are totally isolated from the Decoder circuitry.
PART No
DESCRIPTION
RS Stock Code
FM-RCH1-418RS
FM Remote control System 1 Channel, 418MHz
226-3499
FM-RCH2-418RS
FM Remote control System 2 Channel, 418MHz
226-3506
FM-RCH4-418RS
FM Remote control System 4 Channel, 418MHz
226-3512
PART No
DESCRIPTION
RS Stock Code
FM-RCH1-433RS
FM Remote control System 1 Channel, 433MHz
250-0596
FM-RCH2-433RS
FM Remote control System 2 Channel, 433MHz
250-0603
FM-RCH4-433RS
FM Remote control System 4 Channel, 433MHz
250-0619
For more information or general enquiries, please call;
R F Solutions Ltd.,
Unit 21, Cliffe Industrial Estate,
Lewes,
E. Sussex. BN8 6JL.
England.
Email : sales@rfsolutions.co.uk
http://www.rfsolutions.co.uk
Tel: +44 (0)1273 898 000
Fax: +44 (0)1273 480 661
RF Solutions is a member of the Low Power Radio Association.
Information contained in this document is believed to be accurate , however no representation or warranty is given and no liability is assumed by R.F. Solutions Ltd. with respect to the accuracy of
such information. Use of R.F.Solutions as critical components in life support systems is not authorised except with express written approval from R.F.Solutions Ltd.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com