Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM-RFT3-433 Datasheet(PDF) 2 Page - rfsolutions.ltd

Part # FM-RFT3-433
Description  FM SIL TRANSMITTER MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

FM-RFT3-433 Datasheet(HTML) 2 Page - rfsolutions.ltd

  FM-RFT3-433 Datasheet HTML 1Page - rfsolutions.ltd FM-RFT3-433 Datasheet HTML 2Page - rfsolutions.ltd FM-RFT3-433 Datasheet HTML 3Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS059_2 Jul ‘01
©2001 Reg. No. 227 4001, ENGLAND
Page 2
FM SIL TRANSMITTER MODULE
FM-RTF3-XXX
Mechanical Dimensions
Pin Description
Pin Number
Name
Description
1
EA
External Antenna
2
IN
Data input
6
GND
Ground, Connect to RF earth return path
7
Vcc
Supply Voltage
Typical Application
Antenna Configuration
1
2
6 7
Component Side
22.86mm
11.43mm
2.54mm 10.16mm
Pins on "0.1 pitch
Pin Dimentions :
0.25mm x 0.50mm
A0
A1
A2
A3
A4
A5
A6
A7
VSS
AD8
AD9
AD10
AD11
TE\
OSC2
OSC1
DOUT
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
HT12E
ROSC
+5V
ANTENNA
RFT3-XXX
+5V
1 2
6 7
RF
17.3cm @ 433MHz
RF GND
RF
Loop Antenna Area
4 To 10cm
2
Track Width
1mm
Capacitor 1.5 - 5pF
Fixed or Variable
RF
34 Turns of enamelled copper wire diameter 0.5mm
close wound on 2.5mm diameter former
Helical Coil Antenna
Loop Antenna
Whip Antenna



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com