Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM-RX2-XXX Datasheet(PDF) 8 Page - rfsolutions.ltd

Part # FM-RX2-XXX
Description  FM TRANSMITTER & RECEIVER MODULES. (2ND GENERATION)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

FM-RX2-XXX Datasheet(HTML) 8 Page - rfsolutions.ltd

  FM-RX2-XXX Datasheet HTML 1Page - rfsolutions.ltd FM-RX2-XXX Datasheet HTML 2Page - rfsolutions.ltd FM-RX2-XXX Datasheet HTML 3Page - rfsolutions.ltd FM-RX2-XXX Datasheet HTML 4Page - rfsolutions.ltd FM-RX2-XXX Datasheet HTML 5Page - rfsolutions.ltd FM-RX2-XXX Datasheet HTML 6Page - rfsolutions.ltd FM-RX2-XXX Datasheet HTML 7Page - rfsolutions.ltd FM-RX2-XXX Datasheet HTML 8Page - rfsolutions.ltd FM-RX2-XXX Datasheet HTML 9Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
DS000022
Rev D
July ‘99
©1999 REG No 277 4001, ENGLAND.
Page 8
FM TRANSMITTER & RECEIVER
FM-TX2-XXX
MODULES. (2ND GENERATION)
FM-RX2-XXX
Type Approval in UK
The TX2-418 is type approved in the UK to MPT1340 for use in Telemetry, Telecommand and In-
Building alarm applications.
CONFORMANCE to MPT1340 REQUIRES THAT:
1. The transmitting antenna must be one of the 3 variants given in the data sheet. Antenna
structures which yield ERP gain are not permitted.
2. The module must be directly and permanently connected to the transmitting antenna without
the use of an external feeder. Increasing the RF power level by any means is not permitted.
3. The module must not be modified nor used outside it's specification limits.
4. The module may only be used to send digital or digitised data. Speech and/or music are not
permitted.
5. The equipment in which the module is used
must carry an inspection mark located on the
outside of the equipment and be clearly visible. The minimum dimensions of the inspection
mark shall be 10 x 15 mm and the letter and figure height must be no less than 2mm. The
wording shall read:
6. Products intended for UK commercial application must be notified to the
Radiocommunications Agency (RA) on form RA 249 ( Cat I), obtainable from the RA's library
service, Tel 0171 211 0502 / 0505
OEM Manufacturers incorporating the TX2 as a component part of their product are authorised
by Radiometrix Ltd to quote their type-approval provided all the above conditions are complied
with.
European type approval
The TX2-433 & RX2-433 are type approved to ETS 300-220 for European use.
CONFORMANCE to ETS 300-220 REQUIRES THAT:
1. The transmitting antenna must be one of the 3 variants given in the data sheet. Antenna
structures which yield ERP gain are not permitted.
2. The module must be directly and permanently connected to the transmitting antenna without
the use of an external feeder. Increasing the RF power level by any means is not permitted.
3. The module must not be modified nor used outside it's specification limits.
4. The equipment in which the module is used
must carry an inspection mark located on the
outside of the equipment and be clearly visible. The minimum dimensions of the inspection
mark shall be 10 x 15 mm and the letter and figure height must be no less than 2mm. The
wording shall read:
OEM Manufacturers incorporating the TX2 & RX2 as a component part of their product are
authorised by Radiometrix Ltd to quote our type-approval provided all the above conditions are
complied with.
Most EEC member countries require notification before your product may be sold. We advise
you to contact the relevant country.
R
RT
TD
D:: xxxxxxxxxxxx
S
SR
RD
D--M
MP
PT
T11334400--G
GB
B
R
Raad
diioom
meettrriixx
T
TX
X22--443333
C
CE
EP
PT
T--L
LP
PD
D--xxxx
R
Raad
diioom
meettrriixx
R
RX
X22--443333
C
CE
EP
PT
T--L
LP
PD
D--xxxx
rre
es
sp
pe
ec
cttiiv
v e
elly
y,,



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com