Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM-RTFQ2-868R Datasheet(PDF) 1 Page - rfsolutions.ltd

Part # FM-RTFQ2-868R
Description  FM TRANSMITTER & RECEIVER HYBRID MODULES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

FM-RTFQ2-868R Datasheet(HTML) 1 Page - rfsolutions.ltd

  FM-RTFQ2-868R Datasheet HTML 1Page - rfsolutions.ltd FM-RTFQ2-868R Datasheet HTML 2Page - rfsolutions.ltd FM-RTFQ2-868R Datasheet HTML 3Page - rfsolutions.ltd FM-RTFQ2-868R Datasheet HTML 4Page - rfsolutions.ltd FM-RTFQ2-868R Datasheet HTML 5Page - rfsolutions.ltd FM-RTFQ2-868R Datasheet HTML 6Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DS069-8 Aug 07
©2007 Reg. No. 227 4001, England
Page 1
FM TRANSMITTER & RECEIVER
HYBRID MODULES.
FM-RTFQ SERIES
FM-RRFQ SERIES
RTFQ1
RTFQ1 SM
RRFQ1
RTFQ2
RRFQ2
FM Radio Transmitter & Receivers
Available as 315 or 433 or 868MHz
Transmit Range up to 250m
Miniature Packages
Data Rate up to 9.6Kbps
No Adjustable Components
Very Stable Operating Frequency
Operates from –20 to +85
0C
Transmitter
3-12 Supply Voltage
SIL, DIL or SMT Packages available
Receiver
PLL XTAL Design
CMOS/TTL Output
RSSI Output
Standby Mode (max 100nA)
5V Supply Voltage
Applications
Wireless Security Systems
Car Alarms
Remote Gate Controls
Remote Sensing
Data Capture
Sensor Reporting
Description
These miniature RF modules provide a cost effective high performance FM Radio data link, at either 315,
433.92 or 868MHz. Manufactured using laser trimmed processes on thick film ceramic substrates, the hybrid
modules exhibit extremely stable electronic characteristics over an industrial temperature range. The hybrid
technology uses no adjustable components ensuring very reliable operation.
This transmitter and receiver pair enables the simple implementation of a data link at distances up to 75 metres
in-building and 250 metres open ground.
These modules will suit one-to-one and multi-node wireless links in applications including car and building
security, EPOS and inventory tracking, remote industrial process monitoring and computer networking.
Because of their small size and low power requirements both modules are ideal for use in portable, battery-
powered applications such as hand-held terminals.


Similar Part No. - FM-RTFQ2-868R

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
FM-RTFQ2-433R RFSOLUTIONS-FM-RTFQ2-433R Datasheet
750Kb / 8P
FM Transmitter & Receiver Hybrid Modules
More results

Similar Description - FM-RTFQ2-868R

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
FM-TX2-XXX RFSOLUTIONS-FM-TX2-XXX Datasheet
341Kb / 9P
FM TRANSMITTER & RECEIVER MODULES. (2ND GENERATION)
T5-434 RFSOLUTIONS-T5-434 Datasheet
116Kb / 8P
FM Radio Transmitter & Receiver Modules
T6-8684-20 RFSOLUTIONS-T6-8684-20 Datasheet
130Kb / 7P
Radio Transmitter & Receiver Modules
QFMT5-434 RFSOLUTIONS-QFMT5-434 Datasheet
3Mb / 6P
FM Radio Transmitter & Receiver Modules
logo
Radiometrix Ltd
TX3A-869-64 RADIOMETRIX-TX3A-869-64 Datasheet
451Kb / 15P
UHF FM Data Transmitter and Receiver Modules
TX2-433-40-5V RADIOMETRIX-TX2-433-40-5V Datasheet
753Kb / 15P
UHF FM Data Transmitter and Receiver Modules
TX2A-433-64 RADIOMETRIX-TX2A-433-64 Datasheet
269Kb / 11P
UHF FM Data Transmitter and Receiver Modules
TX2A RADIOMETRIX-TX2A Datasheet
207Kb / 10P
UHF FM Data Transmitter and Receiver Modules
logo
rfsolutions.ltd
DS305-9 RFSOLUTIONS-DS305-9 Datasheet
122Kb / 8P
FM Radio Transmitter & Receiver Modules
logo
Radiometrix Ltd
NTX2B RADIOMETRIX-NTX2B Datasheet
163Kb / 13P
UHF Narrow Band FM Transmitter & Receiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com