Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM-RX2-433A-5V Datasheet(PDF) 1 Page - rfsolutions.ltd

Part # FM-RX2-433A-5V
Description  FM TRANSMITTER & RECEIVER MODULES. (2ND GENERATION)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

FM-RX2-433A-5V Datasheet(HTML) 1 Page - rfsolutions.ltd

  FM-RX2-433A-5V Datasheet HTML 1Page - rfsolutions.ltd FM-RX2-433A-5V Datasheet HTML 2Page - rfsolutions.ltd FM-RX2-433A-5V Datasheet HTML 3Page - rfsolutions.ltd FM-RX2-433A-5V Datasheet HTML 4Page - rfsolutions.ltd FM-RX2-433A-5V Datasheet HTML 5Page - rfsolutions.ltd FM-RX2-433A-5V Datasheet HTML 6Page - rfsolutions.ltd FM-RX2-433A-5V Datasheet HTML 7Page - rfsolutions.ltd FM-RX2-433A-5V Datasheet HTML 8Page - rfsolutions.ltd FM-RX2-433A-5V Datasheet HTML 9Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DS000022
Rev D
July ‘99
©1999 REG No 277 4001, ENGLAND.
Page 1
FM TRANSMITTER & RECEIVER
FM-TX2-XXX
MODULES. (2ND GENERATION)
FM-RX2-XXX
FEATURES
• MINIATURE PACKAGE
• PLUG IN COMPATIBLE WITH FM-TX1 / RX1
• EMC CONFORMANT TO ETS 300-683
• TYPE APPROVED TO ETS 300-220
• DATA RATES TO 40KBIT/S
• USABLE RANGE TO 300 METRES
• 418 & 433.92MHZ VERSIONS.
• SINGLE SUPPLY VOLTAGE 5V OR 3V
• FULLY SCREENED
Description
The TX2 and RX2 data link modules are a miniature PCB mounting UHF radio transmitter and receiver pair
which enable the simple implementation of a data link at upto 40 Kbit/s at distances upto 75 metres in-building
and 300 metres open ground.
Available for operation at 433.92 MHz in Europe and 418.00 MHz in the U.K., both modules combine full
screening with extensive internal filtering to ensure EMC compliance by minimising spurious radiations and
susceptibilities. The TX2 and RX2 modules will suit one-to-one and multi-node wireless links in applications
including car and building security, EPOS and inventory tracking, remote industrial process monitoring and
computer networking. Because of their small size and low power requirements, both modules are ideal for use
in portable, battery-powered applications such as hand-held terminals.
Transmitter - TX2
• 2 STAGE SAW CONTROLLED, FM
MODULATED AT UPTO 40KBIT/S
• OPERATION FROM 2.2 TO 6 VOLTS
• 10mW ON 433.92MHZ (EUROPE) , 1mW ON
418MHZ (UK)
• HIGH EFFICIENCY, >15% , DC --> RF
• IMPROVED FREQUENCY AND DEVIATION
ACCURACY
• 2ND HARMONIC, < -60DBC
Receiver - RX2
• DOUBLE CONVERSION FM SUPERHET
• SAW FRONT END FILTER, IMAGE
REJECTION 50DB
• SUPPLY 3.0 TO 6.0 VOLTS @ 13MA
• 40KBIT/S, -F VERSION , -100 DBM
SENSITIVITY @ 1PPM BER
• 14KBIT/S. -A VERSION , -107 DBm
SENSITIVITY @ 1PPM BER
• LO LEAKAGE, < -60 DBM


Similar Part No. - FM-RX2-433A-5V

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
FM-RXQ1-433 RFSOLUTIONS-FM-RXQ1-433 Datasheet
351Kb / 12P
FM NARROW BAND TRANSCEIVERS
More results

Similar Description - FM-RX2-433A-5V

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
FM-RTFQ RFSOLUTIONS-FM-RTFQ Datasheet
422Kb / 6P
FM TRANSMITTER & RECEIVER HYBRID MODULES
T5-434 RFSOLUTIONS-T5-434 Datasheet
116Kb / 8P
FM Radio Transmitter & Receiver Modules
T6-8684-20 RFSOLUTIONS-T6-8684-20 Datasheet
130Kb / 7P
Radio Transmitter & Receiver Modules
QFMT5-434 RFSOLUTIONS-QFMT5-434 Datasheet
3Mb / 6P
FM Radio Transmitter & Receiver Modules
logo
Radiometrix Ltd
TX3A-869-64 RADIOMETRIX-TX3A-869-64 Datasheet
451Kb / 15P
UHF FM Data Transmitter and Receiver Modules
TX2-433-40-5V RADIOMETRIX-TX2-433-40-5V Datasheet
753Kb / 15P
UHF FM Data Transmitter and Receiver Modules
TX2A-433-64 RADIOMETRIX-TX2A-433-64 Datasheet
269Kb / 11P
UHF FM Data Transmitter and Receiver Modules
TX2A RADIOMETRIX-TX2A Datasheet
207Kb / 10P
UHF FM Data Transmitter and Receiver Modules
logo
rfsolutions.ltd
DS305-9 RFSOLUTIONS-DS305-9 Datasheet
122Kb / 8P
FM Radio Transmitter & Receiver Modules
logo
Radiometrix Ltd
NTX2B RADIOMETRIX-NTX2B Datasheet
163Kb / 13P
UHF Narrow Band FM Transmitter & Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com