Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM-RX2-433F-5V Datasheet(PDF) 2 Page - rfsolutions.ltd

Part # FM-RX2-433F-5V
Description  FM TRANSMITTER & RECEIVER MODULES. (2ND GENERATION)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

FM-RX2-433F-5V Datasheet(HTML) 2 Page - rfsolutions.ltd

  FM-RX2-433F-5V Datasheet HTML 1Page - rfsolutions.ltd FM-RX2-433F-5V Datasheet HTML 2Page - rfsolutions.ltd FM-RX2-433F-5V Datasheet HTML 3Page - rfsolutions.ltd FM-RX2-433F-5V Datasheet HTML 4Page - rfsolutions.ltd FM-RX2-433F-5V Datasheet HTML 5Page - rfsolutions.ltd FM-RX2-433F-5V Datasheet HTML 6Page - rfsolutions.ltd FM-RX2-433F-5V Datasheet HTML 7Page - rfsolutions.ltd FM-RX2-433F-5V Datasheet HTML 8Page - rfsolutions.ltd FM-RX2-433F-5V Datasheet HTML 9Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DS000022
Rev D
July ‘99
©1999 REG No 277 4001, ENGLAND.
Page 2
FM TRANSMITTER & RECEIVER
FM-TX2-XXX
MODULES. (2ND GENERATION)
FM-RX2-XXX
Functional description:
The TX2 transmitter module is a two stage, SAW controlled FM transmitter operating between
2V and 6V and is available in 433.92MHz and 418.00 MHz versions. The 433.92 MHz unit is
type-approved to ETS 300-220 for European use and delivers nominally +9dBm from a 5V
supply at 12mA, while the 418.00 MHz unit has MPT 1340 type-approval for U.K. use and
delivers -3dBm from a 5V supply at 5mA. Both modules measure 12 x 32 x 3.8 mm.
The RX2 module is a double conversion FM superhet receiver capable of handling date rates of
upto 40kbit/s. The SIL style RX2 receiver measures 17.5 x 48 x 4.5 mm. It will operate from a
supply of 3-6V and draws 14mA when receiving. A fast-acting carrier detect and a power-up
enable time of less than 1ms This allows effective duty cycle power saving and a -107 dBm
sensitivity. This, combined with a SAW front-end filter results in an excellent RF performance
and EMC conformance.
TX2 transmitter:
P
Piin
n d
deessccrriip
pttiioon
n::
R
RF
F G
GN
ND
D
((p
piin
n 11))
R
RF
F ggrroou
un
nd
d p
piin
n,, iin
ntteerrn
naallllyy ccoon
nn
neecctteed
d ttoo
tth
hee m
mood
du
ullee ssccrreeeen
n aan
nd
d p
piin
n 44 ((00V
V)).. T
Th
hiiss
p
piin
n ssh
hoou
ulld
d bbee ccoon
nn
neecctteed
d ttoo tth
hee R
RF
F
rreettu
urrn
n p
paatth
h ((ee..gg.. ccooaaxx bbrraaiid
d,, m
maaiin
n P
PC
CB
B
ggrroou
un
nd
d p
pllaan
nee eettcc..))
R
RF
F o
ou
utt
((p
piin
n 22))
5
500Ω
Ω R
RF
F oou
uttp
pu
utt ttoo tth
hee aan
ntteen
nn
naa,, iitt iiss D
DC
C
iissoolla
atteed
d iin
ntteerrn
naallllyy.. ((sseeee aan
ntteen
nn
naa sseeccttiioon
n
ooff T
TX
X22 aap
pp
plliiccaattiioon
nss n
noottee ffoorr ssu
uggggeesstteed
d
a
an
ntteen
nn
naa//ffeeeed
dss))..
V
Vcccc
((p
piin
n 33))
+
+vvee ssu
up
pp
pllyy p
piin
n.. T
Th
hee m
mood
du
ullee w
wiillll ggeen
neerraattee R
RF
F w
wh
heen
n tth
hee V
Vcccc ssu
up
pp
pllyy iiss p
prreesseen
ntt.. M
Maaxx rriip
pp
pllee
ccoon
ntteen
ntt 00..11V
VPP--PP.. A
A 110000n
nF
F d
dee--ccoou
up
plliin
ngg cceerraam
miicc ccaap
paacciittoorr iiss ssu
uggggeesstteed
d..
0
0V
V
((p
piin
n 44))
S
Su
up
pp
pllyy ggrroou
un
nd
d ccoon
nn
neeccttiioon
n,, ccoon
nn
neecctteed
d ttoo p
piin
n 11 aan
nd
d ssccrreeeen
n..
T
TX
XD
D
((p
piin
n 55))
T
Th
hiiss D
DC
C ccoou
up
plleed
d m
mood
du
ullaattiioon
n iin
np
pu
utt w
wiillll aacccceep
ptt eeiitth
heerr sseerriiaall d
diiggiittaall d
daattaa (( 00V
V ttoo V
Vcccc lleevveellss)) oorr
h
hiiggh
h lleevveell lliin
neeaarr ssiiggn
naallss.. sseeee T
TX
X22 aap
pp
plliiccaattiioon
nss n
noottee ffoorr ssu
uggggeesstteed
d d
drriivvee m
meetth
hood
dss.. IIn
np
pu
utt
iim
mp
peed
daan
nccee iiss 110000k
kΩ
Ω..
ffiigg.. 1
1:: T
TX
X22 bblloocckk d
diia
aggrra
am
m



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com