Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U3-SS107. Datasheet(PDF) 1 Page - Multicomp Pro

Part # U3-SS107.
Description  7-Port Super Speed USB 3.0 Hub
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

U3-SS107. Datasheet(HTML) 1 Page - Multicomp Pro

  U3-SS107. Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
08/02/21
7-Port Super Speed
USB 3.0 Hub
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Diagram
Part Number Table
Description
Part Number
7-Port Super Speed
USB 3.0 Hub
U3-SS107
No.
Description
Qty.
Unit
1
U3-7Hub white up cover ABS Mark: " "
1
Pc
2
U3-7Hub white bottom cover ABS No Mark
1
Pc
3
Hub Light the lamp ABS white and transparent
1
Pc
4
White sillicone material single side of gum size: 25mm×10mm×1.5mm
2
Pcs
5
U3-SS107 ~ PCBA
1
Pc
161mm
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.


Similar Part No. - U3-SS107.

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
U3-00003 TURCK-U3-00003 Datasheet
152Kb / 1P
Wall/panel feed-through
2023-07-21
U3-00040 TURCK-U3-00040 Datasheet
145Kb / 1P
Industrial Ethernet Unmanaged Switch
2023-07-21
U3-00041 TURCK-U3-00041 Datasheet
145Kb / 1P
Industrial Ethernet Unmanaged Switch
2023-07-21
U3-00647 TURCK-U3-00647 Datasheet
293Kb / 1P
Accessories for Fieldbus Systems Wall/panel feed-through
2023-07-21
U3-00703 TURCK-U3-00703 Datasheet
159Kb / 1P
Accessories for Fieldbus Systems Flange
2020-01-31
More results

Similar Description - U3-SS107.

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
Four-Port USB 3.0 Hub
logo
List of Unclassifed Man...
U222-007-R ETC2-U222-007-R Datasheet
511Kb / 4P
7-Port USB 2.0 Hi-Speed Hub
logo
Tripp Lite. All Rights ...
U222007R TRIPPLITE-U222007R Datasheet
506Kb / 2P
7-Port USB 2.0 Hi-Speed Hub
U360007IND TRIPPLITE-U360007IND Datasheet
496Kb / 2P
7-Port Rugged Industrial USB 3.0 SuperSpeed Hub
logo
Texas Instruments
TUSB8020B TI1-TUSB8020B Datasheet
1Mb / 43P
Two-Port USB 3.0 Hub
logo
Microchip Technology
USB2517 MICROCHIP-USB2517 Datasheet
785Kb / 58P
USB 2.0 Hi-Speed 7-Port Hub Controller
07/14/15
logo
List of Unclassifed Man...
FE2.1 ETC2-FE2.1 Datasheet
194Kb / 2P
USB 2.0 HIGH SPEED 7-PORT HUB CONTROLLER
logo
Coolgear Inc.
CG-7U3DS COOLGEAR-CG-7U3DS Datasheet
119Kb / 3P
7-Port USB 3.0 Metal Hub with Surge Protection
USBG-4PMINIH COOLGEAR-USBG-4PMINIH Datasheet
448Kb / 2P
USB 3.0 4 Port Power Hub Super Speed Metal Case
Rev 01.200713
logo
Realtek Semiconductor C...
RTS5411 REALTEK-RTS5411 Datasheet
883Kb / 33P
USB 3.0 Super-Speed HUB Controller
Doc Rev. 1.2 30. Nov. 2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com