Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS360 Datasheet(PDF) 8 Page - Microchip Technology

Part # HCS360
Description  KEELOQ짰 Code Hopping Encoder
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS360 Datasheet(HTML) 8 Page - Microchip Technology

Back Button HCS360_01 Datasheet HTML 4Page - Microchip Technology HCS360_01 Datasheet HTML 5Page - Microchip Technology HCS360_01 Datasheet HTML 6Page - Microchip Technology HCS360_01 Datasheet HTML 7Page - Microchip Technology HCS360_01 Datasheet HTML 8Page - Microchip Technology HCS360_01 Datasheet HTML 9Page - Microchip Technology HCS360_01 Datasheet HTML 10Page - Microchip Technology HCS360_01 Datasheet HTML 11Page - Microchip Technology HCS360_01 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
HCS360
DS40152D-page 8
 2001 Microchip Technology Inc.
3.5.4
DELM: DELAY MODE
If DELM = 1, delay transmission is enabled. A delayed
transmission is indicated by inverting the lower nibble
of the discrimination value. The delay mode is primarily
for compatibility with previous KEELOQ devices. If
DELM = 0, delay transmission is disabled (Table 3-4).
3.5.5
TIMO: TIME-OUT
If TIMO = 1, the time-out is enabled. Time-out can be
used to terminate accidental continuous transmissions.
When time-out occurs, the PWM output is set low and
the LED is turned off. Current consumption will be
higher than in standby mode since current will flow
through the activated input resistors. This state can be
exited only after all inputs are taken low. TIMO = 0, will
enable continuous transmission (Table 3-5).
TABLE 3-4:
TYPICAL DELAY TIMES
FAST1
FAST0
Number of Code
Words before Delay
Mode
Time Before Delay Mode
(MANCH = 0)
Time Ref Delay Mode
(MANCH = 1)
00
28
≈ 2.9s
≈ 5.1s
01
56
≈ 3.1s
≈ 6.4s
10
28
≈ 1.5s
≈ 3.2s
11
56
≈ 1.7s
≈ 4.5s
TABLE 3-5:
TYPICAL TIME-OUT TIMES
FAST 1
FAST 0
Maximum Number of
Code Words
Transmitted
Time Before Time-out
(MANCH = 0)
Time Before Time-out
(MANCH = 1)
00
256
≈ 26.5s
≈ 46.9
01
512
≈ 28.2s
≈ 58.4
10
256
≈ 14.1s
≈ 29.2
11
512
≈ 15.7s
≈ 40.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com