Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS512T-I/P Datasheet(PDF) 4 Page - Microchip Technology

Part # HCS512T-I/P
Description  KEELOQ짰 Code Hopping Decoder
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS512T-I/P Datasheet(HTML) 4 Page - Microchip Technology

  HCS512T-I/P Datasheet HTML 1Page - Microchip Technology HCS512T-I/P Datasheet HTML 2Page - Microchip Technology HCS512T-I/P Datasheet HTML 3Page - Microchip Technology HCS512T-I/P Datasheet HTML 4Page - Microchip Technology HCS512T-I/P Datasheet HTML 5Page - Microchip Technology HCS512T-I/P Datasheet HTML 6Page - Microchip Technology HCS512T-I/P Datasheet HTML 7Page - Microchip Technology HCS512T-I/P Datasheet HTML 8Page - Microchip Technology HCS512T-I/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
HCS512
DS40151D-page 4
© 2002 Microchip Technology Inc.
FIGURE 1-3:
BASIC OPERATION OF RECEIVER (DECODER)
NOTE: Circled numbers indicate the order of execution.
2.0
PIN ASSIGNMENT
PIN
Decoder
Function
I/O (1)
Buffer
Type(1)
Description
1
LRNIN
I
TTL
Learn input - initiates learning, 10K pull-up required on input
2
LRNOUT
O
TTL
Learn output - indicates learning
3NC
—
TTL
Do not connect
4MCLR
I
ST
Master clear input
5
Ground
P
—
Ground connection
6S0
O
TTL
Switch 0
7S1
O
TTL
Switch 1
8S2
O
TTL
Switch 2
9S3
O
TTL
Switch 3
10
VLOW
O
TTL
Battery low indication output
11
SLEEP
I
TTL
Connect to RFIN to allow wake-up from SLEEP
12
CLK
I/O
TTL/ST (2)
Clock in Programming mode and Synchronous mode
13
DATA
I/O
TTL/ST (2)
Data in Programming mode and Synchronous mode
14
VDD
P
—
Power connection
15
OSCOUT (1MHZ)
O
TTL
Oscillator out (test point)
16
OSCIN (4MHz)
I
ST
Oscillator in – recommended values 4.7 k
Ω and 22 pF
17
NC
—
—
18
RFIN
I
TTL
RF input from receiver
Note 1: P = power, I = in, O = out, and ST = Schmitt Trigger input.
2: Pin 12 and Pin 13 have a dual purpose. After RESET, these pins are used to determine if Programming
mode is selected in which case they are the clock and data lines. In normal operation, they are the clock
and data lines of the synchronous data output stream.
Button Press
Information
EEPROM Array
Manufacturer Code
32 Bits of
Encrypted Data
Serial Number
Received Information
Decrypted
Synchronization
Counter
Check for
Match
Sync Counter
Serial Number
KEELOQ
Decryption
Algorithm
1
3
4
Check for
Match
2
Perform Function
Indicated by
button press
5
Crypt Key



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com