Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS360-I/P Datasheet(PDF) 19 Page - Microchip Technology

Part # HCS360-I/P
Description  KEELOQ짰 Code Hopping Encoder
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS360-I/P Datasheet(HTML) 19 Page - Microchip Technology

Back Button HCS360-I/P Datasheet HTML 15Page - Microchip Technology HCS360-I/P Datasheet HTML 16Page - Microchip Technology HCS360-I/P Datasheet HTML 17Page - Microchip Technology HCS360-I/P Datasheet HTML 18Page - Microchip Technology HCS360-I/P Datasheet HTML 19Page - Microchip Technology HCS360-I/P Datasheet HTML 20Page - Microchip Technology HCS360-I/P Datasheet HTML 21Page - Microchip Technology HCS360-I/P Datasheet HTML 22Page - Microchip Technology HCS360-I/P Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
 2001 Microchip Technology Inc.
DS40152D-page 19
HCS360
FIGURE 8-1:
POWER UP AND TRANSMIT TIMING
FIGURE 8-2:
PWM FORMAT (MANCH = 0)
FIGURE 8-3:
PWM PREAMBLE/HEADER FORMAT
TABLE 8-3:
POWER UP AND TRANSMIT TIMING REQUIREMENTS
VDD = +2.0 to 6.6V
Commercial (C):
Tamb = 0
°C to +70°C
Industrial
(I):
Tamb = -40
°C to +85°C
Parameter
Symbol
Min
Max
Unit
Remarks
Time to second button press
TBP
10 + Code
Word Time
26 + Code
Word Time
ms
(Note 1)
Transmit delay from button detect
TTD
4.5
26
ms
(Note 2)
Debounce delay
TDB
4.0
13
ms
Auto-shutoff time-out period
TTO
15.0
35
s
(Note 3)
Note 1: TBP is the time in which a second button can be pressed without completion of the first code word and the
intention was to press the combination of buttons.
2: Transmit delay maximum value if the previous transmission was successfully transmitted.
3: The auto shutoff timeout period is not tested.
Button Press
Sn
Detect
TDB
PWM
TTD
Code Word Transmission
TTO
Code
Word
1
Code
Word
2
Code
Word
3
Code
Word
n
TBP
LOGIC ‘0’
LOGIC ‘1’
Preamble
Header
Encrypted Portion
of Transmission
Fixed portion of
Transmission
Guard
Time
TP
TH
THOP
TFIX
TG
TBP
TE TE TE
Preamble
Header
32 TE
10 TE
Data Word
Transmission
Bit 0
Bit 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com