Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS30120C Datasheet(PDF) 10 Page - STMicroelectronics

Part # STPS30120C
Description   120 V power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30120C Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STPS30120C Datasheet HTML 3Page - STMicroelectronics STPS30120C Datasheet HTML 4Page - STMicroelectronics STPS30120C Datasheet HTML 5Page - STMicroelectronics STPS30120C Datasheet HTML 6Page - STMicroelectronics STPS30120C Datasheet HTML 7Page - STMicroelectronics STPS30120C Datasheet HTML 8Page - STMicroelectronics STPS30120C Datasheet HTML 9Page - STMicroelectronics STPS30120C Datasheet HTML 10Page - STMicroelectronics STPS30120C Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Revision history
Table 7. Document revision history
Date
Version
Changes
18-Feb-2005
1
First issue
23-Nov-2006
2
Reformatted to current standards. Added I²PAK package.
17-Feb-2010
3
Updated Table 2. Added Figure 1 and Figure 10.
13-Jan-2012
4
Added TO-220AB narrow leads package.
01-Jun-2018
5
Removed I²PAK package.
Updated Table 1. Absolute ratings (limiting values at 25 °C, per diode, unless
otherwise specified).
Removed figure 1, figure 5 and figure 10.
Updated Section 1.1 Characteristics (curves) and Table 4. TO-220AB package
mechanical data.
Minor text changes to improve readability.
STPS30120C
DS4230 - Rev 5
page 10/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com