Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPS-41EB Datasheet(PDF) 2 Page - rfsolutions.ltd

Part # GPS-41EB
Description  Fast Acquisition Enhanced Sensitivity 12 Channel GPS Sensor Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

GPS-41EB Datasheet(HTML) 2 Page - rfsolutions.ltd

  GPS-41EB Datasheet HTML 1Page - rfsolutions.ltd GPS-41EB Datasheet HTML 2Page - rfsolutions.ltd GPS-41EB Datasheet HTML 3Page - rfsolutions.ltd GPS-41EB Datasheet HTML 4Page - rfsolutions.ltd GPS-41EB Datasheet HTML 5Page - rfsolutions.ltd GPS-41EB Datasheet HTML 6Page - rfsolutions.ltd GPS-41EB Datasheet HTML 7Page - rfsolutions.ltd GPS-41EB Datasheet HTML 8Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DS-41EB-3 Oct ’06
©2006 RF Solutions Ltd, www.rfsolutions.co.uk
Page 2
Tel 01273 898000 Fax 01273 480661
GPS Receiver Module
GPS-41EBR
GPS-41EBF
TECHNICAL SPECIFICATIONS
Receiver Type
12 parallel channel, L1 C/A code
Accuracy
Position
5m CEP
Velocity
0.1m/sec
1PPS Timing
+/-1us
Startup Time
< 10sec hot start
< 35sec warm start
< 45sec cold start
Signal Reacquisition
1s
Sensitivity
-140dBm acquisition
-150dBm tracking
Update Rate
1Hz
Dynamics
4G (39.2m/sec
2)
Operational Limits
Altitude < 18,000m or velocity < 515m/s
(COCOM limit, either may be exceeded but not both)
Serial Interface
LVTTL level
Protocol
NMEA-0183 V3.01
GPGGA, GPGLL, GPGSA, GPGSV, GPRMC, GPVTG, GPZDA
4800 baud, 8, N, 1
Datum
Default WGS-84
User definable
RF Connector
MMCX
Interface Connector
10 pin 2.0mm pitch male header
Input Voltage
3.3V DC +/-100mV or
3.8V ~ 8.0V (5V version)
Current Consumption
28-33 mA
Dimension
43.3mm L x 31.1mm W x 5.8mm H
Weight:
8 g
Operating Temperature
-40
oC ~ +85oC
Humidity
5% ~ 95%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com