Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS30150CFP Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS30150CFP
Description  High voltage power Schottky rectifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30150CFP Datasheet(HTML) 2 Page - STMicroelectronics

  STPS30150CFP Datasheet HTML 1Page - STMicroelectronics STPS30150CFP Datasheet HTML 2Page - STMicroelectronics STPS30150CFP Datasheet HTML 3Page - STMicroelectronics STPS30150CFP Datasheet HTML 4Page - STMicroelectronics STPS30150CFP Datasheet HTML 5Page - STMicroelectronics STPS30150CFP Datasheet HTML 6Page - STMicroelectronics STPS30150CFP Datasheet HTML 7Page - STMicroelectronics STPS30150CFP Datasheet HTML 8Page - STMicroelectronics STPS30150CFP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Characteristics
STPS30150C
2/16
DocID7757 Rev 9
1
Characteristics
Table 2: Absolute ratings (limiting values, per diode, at 25 °C, unless otherwise specified)
Symbo
l
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
150
V
IF(RMS)
Forward rms current
30
A
IF(AV)
Average forward
current δ = 0.5,
square wave
TO-220FPAB
TC = 120 °C
Per diode
15
A
TC = 90 °C
Per device
30
TO-220AB,
D2PAK, TO-247
TC = 155 °C
Per diode
15
TC = 150 °C
Per device
30
IFSM
Surge non
repetitive forward
current
tp = 10 ms sinusoidal
220
A
PARM
Repetitive peak
avalanche power
tp = 10 µs, Tj = 125 °C
750
W
Tstg
Storage temperature range
-65 to +175
°C
Tj
Maximum operating junction temperature (1)
+175
°C
Notes:
(1)(dPtot/dTj) < (1/Rth(j-a)) condition to avoid thermal runaway for a diode on its own heatsink.
Table 3: Thermal parameter
Symbol
Parameter
Max. value
Unit
Rth(j-c)
Junction to case
TO-220AB, D2PAK
Per diode
1.6
°C/W
TO-220FPAB
4
TO-247
1.5
TO-220AB, D2PAK
Total
0.85
TO-220FPAB
3.3
TO-247
0.8
Rth(c)
Coupling
TO-220AB, D2PAK, TO-247
-
0.1
°C/W
TO-220FPAB
2.6
When the diodes 1 and 2 are used simultaneously:
ΔTj (diode1) = P(diode1) x Rth(j-c) (per diode) + P(diode2) x Rth(c)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com