Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS40120C Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS40120C
Description  120 V power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS40120C Datasheet(HTML) 2 Page - STMicroelectronics

  STPS40120C Datasheet HTML 1Page - STMicroelectronics STPS40120C Datasheet HTML 2Page - STMicroelectronics STPS40120C Datasheet HTML 3Page - STMicroelectronics STPS40120C Datasheet HTML 4Page - STMicroelectronics STPS40120C Datasheet HTML 5Page - STMicroelectronics STPS40120C Datasheet HTML 6Page - STMicroelectronics STPS40120C Datasheet HTML 7Page - STMicroelectronics STPS40120C Datasheet HTML 8Page - STMicroelectronics STPS40120C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1
Characteristics
Table 1. Absolute ratings (limiting values at 25 °C unless otherwise specified, per diode)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
120
V
IF(RMS)
Forward rms current
30
A
IF(AV)
Average forward current , Tc = 145 °C, δ = 0.5
Per diode
20
A
Per device
40
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
200
A
PARM
Repetitive peak avalanche power
tp = 10 µs, Tj = 125 °C
755
W
Tstg
Storage temperature range
-65 to +175
°C
Tj
Maximum operating junction temperature (1)
175
°C
1. (dPtot/dTj) < (1/Rth(j-a)) condition to avoid thermal runaway for a diode on its own heatsink.
Table 2. Thermal resistance parameters
Symbol
Parameter
Max. value
Unit
Rth(j-c)
Junction to case
Per diode
1.6
°C/W
Total
0.85
Rth(c)
Coupling
0.1
When the diodes 1 and 2 are used simultaneously:
ΔTj(diode 1) = P(diode 1) x Rth(j-c)(per diode) + P(diode 2) x Rth(c)
Table 3. Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
-
25
µA
Tj = 125 °C
-
4
12
mA
VF(2)
Forward voltage drop
Tj = 25 °C
IF = 7.5 A
-
0.73
V
Tj = 125 °C
-
0.57
0.61
Tj = 25 °C
IF = 20 A
-
0.90
Tj = 125 °C
-
0.69
0.73
Tj = 25 °C
IF = 40 A
-
1.00
Tj = 125 °C
-
0.83
0.88
1. Pulse test: tp = 5 ms, δ < 2%
2. Pulse test: tp = 380 µs, δ < 2%
To evaluate the conduction losses, use the following equation:
P = 0.58 x IF(AV) + 0.0075 x IF2(RMS)
For more information, please refer to the following application notes related to the power losses :
STPS40120C
Characteristics
DS4231 - Rev 4
page 2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com