Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPS-41ML Datasheet(PDF) 3 Page - rfsolutions.ltd

Part # GPS-41ML
Description  Fast Acquisition Enhanced Sensitivity 12 Channel GPS Sensor Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

GPS-41ML Datasheet(HTML) 3 Page - rfsolutions.ltd

  GPS-41ML Datasheet HTML 1Page - rfsolutions.ltd GPS-41ML Datasheet HTML 2Page - rfsolutions.ltd GPS-41ML Datasheet HTML 3Page - rfsolutions.ltd GPS-41ML Datasheet HTML 4Page - rfsolutions.ltd GPS-41ML Datasheet HTML 5Page - rfsolutions.ltd GPS-41ML Datasheet HTML 6Page - rfsolutions.ltd GPS-41ML Datasheet HTML 7Page - rfsolutions.ltd GPS-41ML Datasheet HTML 8Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DS-41ML-1 Feb ’06
©2006 RF Solutions Ltd, www.rfsolutions.co.uk
Page 3
Tel 01273 898000 Fax 01273 480661
GPS Receiver Module
GPS-41MLR
GPS-41MLF
Lateral View
PINOUT DESCRIPTION
Pin Number
Signal Name
Description
1
Serial Data Out 1 Asynchronous serial output at LVTTL level, to output NMEA message
2
Serial Data In 1
Asynchronous serial input at LVTTL level, to input configuration commands
3
Serial Data Out 2 Asynchronous serial output at RS-232 level, to output NMEA message
4
Serial Data In 2
Asynchronous serial input at RS-232 level, to input configuration commands
5
Power
3.8V ~ 8.0V DC input
6
Ground
Power and signal ground
Please note: The onboard rechargeable Lithium battery may require an initial charge time of
approximately 8hrs.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com