Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S103 Datasheet(PDF) 2 Page - rfsolutions.ltd

Part # S103
Description  802.11B WLAN TO RS232 MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

S103 Datasheet(HTML) 2 Page - rfsolutions.ltd

  S103 Datasheet HTML 1Page - rfsolutions.ltd S103 Datasheet HTML 2Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DS-S103-1 April 06
©2006 Reg. No. 227 4001, England
Page 2
802.11B WLAN TO RS232 MODULE
S103
Specifications
RS232 Features:
Baud Rate Options: 9600, 38400, 57600, 115200 bps
Data Length Options: 8 bits
Parity options: None
Stop Bits Options: 1 bit
Flow Control: Hardware or none
Serial UART Buffer: 256 bytes input, 256 bytes output
WLAN Radio Features:
Protocol Type: 802.11b standard compliant
Operating Range:
Open Environment: 1000 ft./300m
Office Environment: 100-330 ft./30-100m
Security:
WEP (Wired Equivalent Privacy) 64 and 128 bit encryption
Radio Characteristics:
Spread Spectrum Technology:
DSSS (Direct Sequence Spread Spectrum)
RF Range: 2.4 ~ 2.4835 GHz
Data Rate: 11 / 5.5 / 2 / 1 Mbps
Modulation: DBPSK for 1 Mbps, DQPSK for 2 Mbps, CCK
for 5.5 / 11 Mbps
Operation channels:
US - 11, Europe - 13, France - 4, Spain - 2, Japan - 14
RF Power Output (Typical: +15 dBm)
Receive Sensitivity (Typical @BER 10E-5:
-83 dBm@11Mbps)
Power:
Power Supply: 3.3 / 5 VDC Regulated
Current: Tx 350mA (Max.), Rx 210mA, Power
Saving Mode 80mA
Software:
Windows-based Driver with Multi-Link Virtual Com
Driver
PC Utility: User setup and device-search software
run on Windows 98 / Me / NT / 2000 / XP
Network Protocol:
UDP/IP, SNMP, HTTP, ARP, DHCP client
Mechanical:
Antenna: PCB on board or ipex connector for
external
antenna
Dimensions: 60 x 40 x 5.7 mm
Environmental:
Temperature:
Operating: 0 to +55 °C / +32 to +131 °F
Storage: -20 to +65 °C / -4 to +149 °F
Relative Humidity: 95% (non-condensing)
EMC Certificate:
U.S.A.: FCC Part 15 Subpart C
CE: ETSI EN 300 328, EN 301 489-1/17, EN
55022, EN 61000, EN 50371
For more information or general enquiries, please contact;
RF Solutions Ltd.,
Unit 21, Cliffe Industrial Estate,
South Street, Lewes, E Sussex, BN8 6JL. England
Tel +44 (0)1273 898 000
Fax +44 (0)1273 480 661
Email sales@rfsolutions.co.uk
http://www.rfsolutions.co.uk
RF Solutions is a member of the Low Power Radio Association
All Trademarks acknowledged and remain the property of the respected owners
Information contained in this document is believed to be accurate, however no representation or warranty is given and R.F. Solutions Ltd. assumes no liability with respect to the accuracy of such
information. Use of R.F.Solutions as critical components in life support systems is not authorised except with express written approval from R.F.Solutions Ltd.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com