Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UL1007 Datasheet(PDF) 1 Page - Pro-Power

Part # UL1007
Description  UL1007 Style Stranded Hook-Up Wire
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

UL1007 Datasheet(HTML) 1 Page - Pro-Power

  UL1007 Datasheet HTML 1Page - Pro-Power UL1007 Datasheet HTML 2Page - Pro-Power UL1007 Datasheet HTML 3Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
26/12/18
UL1007 Style Stranded Hook-Up Wire
Specifications
Conductor Material
: Stranded Tinned Copper
Insulation Material
: PVC
Rated Temperature
: 80°C
Rated Voltage
: 300V
Cable Length
: Available in 305m Reel or in per metre length
AWG
Construction
# Strands/Strand Size
(mm)
Conductor
Diameter
(mm)
Insulation
Diameter
(mm)
Conductor Resistance
20°C
(Ω/kM)
Insulation
Colour
Part Number
16
65/0.16
1.49
2.3
13.32
Black
PP002486
Brown
PP002301
Red
PP002487
Yellow
PP002303
Green/Yellow
PP002488
Blue
PP002300
White
PP002302
18
34/0.18
1.21
2
21.29
Black
PP002489
Brown
PP002490
Red
PP002491
Orange
PP002307
Yellow
PP002493
Green/Yellow
PP002306
Green
PP002305
Diagram
This stranded Hook-Up Wire meets the specifications of UL AWM/Style 1007 - 80°C / 300V. UL recognized
(UL file no. E352035).
Marking


Similar Part No. - UL1007

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UL1007 ETC-UL1007 Datasheet
64Kb / 1P
UL1007 Hook Up Wire Stranded or Solid
1/27/20
UL1007 ETC-UL1007 Datasheet
146Kb / 1P
UL1007/UL1569 – 24AWG PVC Equipment Wire 100m, 305m reel
16/10/14 V1.1
UL1007 ETC-UL1007 Datasheet
147Kb / 1P
UL1007/UL1569 – 22AWG PVC Equipment Wire 100m, 305m reel
16/10/14 V1.1
UL1007 ETC-UL1007 Datasheet
145Kb / 1P
UL1007/UL1569 – 20AWG PVC Equipment Wire 100m, 305m reel
16/10/14 V1.1
UL1007 ETC-UL1007 Datasheet
138Kb / 1P
UL1007/UL1569 – 18AWG PVC Equipment Wire 100m, 305m reel
16/10/14 V1.1
More results

Similar Description - UL1007

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C2015A GENERAL-C2015A Datasheet
80Kb / 1P
HOOK-UP WIRE
C2040A GENERAL-C2040A Datasheet
58Kb / 1P
HOOK UP WIRE
C2053A GENERAL-C2053A Datasheet
73Kb / 1P
HOOK-UP WIRE
C2103A GENERAL-C2103A Datasheet
80Kb / 1P
HOOK-UP WIRE
C2106A GENERAL-C2106A Datasheet
80Kb / 1P
HOOK-UP WIRE
logo
SparkFun Electronics
PRT-08865 SPARKFUN-PRT-08865 Datasheet
97Kb / 1P
Hook-up Stranded Wire - Red (22 AWG)
3/28/2017
PRT-08866 SPARKFUN-PRT-08866 Datasheet
94Kb / 1P
Hook-up Stranded Wire - White (22 AWG)
3/28/2017
PRT-08867 SPARKFUN-PRT-08867 Datasheet
96Kb / 1P
Hook-up Stranded Wire - Black (22 AWG)
3/28/2017
PRT-11375 SPARKFUN-PRT-11375 Datasheet
95Kb / 1P
Hook-Up Wire - Assortment (Stranded, 22 AWG)
3/8/2016
logo
List of Unclassifed Man...
UL1007 ETC-UL1007 Datasheet
64Kb / 1P
UL1007 Hook Up Wire Stranded or Solid
1/27/20
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com