Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TGR10-R Datasheet(PDF) 1 Page - rfsolutions.ltd

Part # TGR10-R
Description  GSM Remote Control Unit
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

TGR10-R Datasheet(HTML) 1 Page - rfsolutions.ltd

  TGR10-R Datasheet HTML 1Page - rfsolutions.ltd TGR10-R Datasheet HTML 2Page - rfsolutions.ltd TGR10-R Datasheet HTML 3Page - rfsolutions.ltd TGR10-R Datasheet HTML 4Page - rfsolutions.ltd TGR10-R Datasheet HTML 5Page - rfsolutions.ltd TGR10-R Datasheet HTML 6Page - rfsolutions.ltd TGR10-R Datasheet HTML 7Page - rfsolutions.ltd TGR10-R Datasheet HTML 8Page - rfsolutions.ltd TGR10-R Datasheet HTML 9Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
DS-TGR10-2 Feb ’07
©2007 RF Solutions Ltd, www.rfsolutions.co.uk
Page 1
Tel 01273 898000 Fax 01273 480661
TGR10
TGR10G
GSM Remote Control Unit
Features
•
Quad Band GSM module
•
SMS controlled
•
Relay / Digital Telemetry Outputs
•
Digital Inputs
•
Alarm sensor management
•
DIN Rail or Wall Mounting
• Accumulator connection
• 'G' versions - GPS module for position
management and alarming
Advanced System
Additional feature:
•
Temperature measuring and management
Reference System
Additional features:
•
Temperature measuring and management
•
PC Remote / Local Management
The TGR10 is a highly efficient GSM remote controller specially designed to use as stand-alone unit or in
combination with other video surveillance or alarm equipment. The Built-in Quad Band GSM module enables
simple and easy control and management of complete electrical and electronic equipment using a GSM
mobile phone. The units feature a fitted relay to enable remote control of electrical devices, for example air-
conditioning and heating. The controller can also be connected to other alarm equipment and additional
sensors to be used in a variety of applications including remote intruder, fire surveillance, voltage and
temperature measuring and management.
The systems telemetry outputs are controlled with SMS text messages. The digital inputs can be configured
to send SMS text messages to a mobile phone on change of status. This can be used for remote sensor
management and alarming.
The advanced system also features an I2C interface for connection of temperature sensors. The reference
system also features an I2C interface, along with an RS232 interface, enabling remote or local control of the
unit from a PC.
Ordering Information
Part Number
Description
TGR10-B
GSM Remote Control Unit, Basic Version
TGR10-A
GSM Remote Control Unit, Advanced Version
TGR10-R
GSM Remote Control Unit, Reference Version
TGR10G-B
GSM Remote Control Unit with GPS Receiver, Basic Version,
TGR10G-A
GSM Remote Control Unit with GPS Receiver, Advanced Version
TGR10G-R
GSM Remote Control Unit with GPS Receiver, Reference Version


Similar Part No. - TGR10-R

ManufacturerPart #DatasheetDescription
logo
HALO Electronics, Inc.
TGR01-3406V6LF HALO-TGR01-3406V6LF Datasheet
461Kb / 2P
SMD Reinforced Insulation Package
TGR04-3406V6LF HALO-TGR04-3406V6LF Datasheet
461Kb / 2P
SMD Reinforced Insulation Package
TGR04-3755V12LF HALO-TGR04-3755V12LF Datasheet
377Kb / 2P
12 Pin SMD Package
TGR07-3206V6LF HALO-TGR07-3206V6LF Datasheet
461Kb / 2P
SMD Reinforced Insulation Package
TGR23-3206V6LF HALO-TGR23-3206V6LF Datasheet
461Kb / 2P
SMD Reinforced Insulation Package
More results

Similar Description - TGR10-R

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
RS-20 CITIZEN-RS-20 Datasheet
470Kb / 2P
Infrared Remote Control Receiver Unit
RS-450 CITIZEN-RS-450 Datasheet
468Kb / 2P
Infrared Remote Control Receiver Unit
RS-470 CITIZEN-RS-470 Datasheet
467Kb / 2P
Infrared Remote Control Receiver Unit
RS-670 CITIZEN-RS-670 Datasheet
467Kb / 2P
Infrared Remote Control Receiver Unit
RS-750 CITIZEN-RS-750 Datasheet
483Kb / 2P
Infrared Remote Control Receiver Unit
RS-770 CITIZEN-RS-770 Datasheet
467Kb / 2P
Infrared Remote Control Receiver Unit
logo
rfsolutions.ltd
DS-PROTEXT-9 RFSOLUTIONS-DS-PROTEXT-9 Datasheet
1Mb / 20P
PROTEXT - GSM REMOTE CONTROL
logo
CITIZEN ELECTRONICS CO....
RS-670 CITIZEN-RS-670_12 Datasheet
110Kb / 2P
Infrared Remote Control Receiver Unit
logo
rfsolutions.ltd
EZTEXT RFSOLUTIONS-EZTEXT Datasheet
1Mb / 9P
GSM Remote Control System
logo
KATHREIN Solutions GmbH
742212 KATHREIN-742212 Datasheet
185Kb / 2P
Remote Control Unit (RCU)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com