Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TGR10G-R Datasheet(PDF) 21 Page - rfsolutions.ltd

Part # TGR10G-R
Description  GSM Remote Control Unit
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

TGR10G-R Datasheet(HTML) 21 Page - rfsolutions.ltd

Back Button TGR10G-R Datasheet HTML 13Page - rfsolutions.ltd TGR10G-R Datasheet HTML 14Page - rfsolutions.ltd TGR10G-R Datasheet HTML 15Page - rfsolutions.ltd TGR10G-R Datasheet HTML 16Page - rfsolutions.ltd TGR10G-R Datasheet HTML 17Page - rfsolutions.ltd TGR10G-R Datasheet HTML 18Page - rfsolutions.ltd TGR10G-R Datasheet HTML 19Page - rfsolutions.ltd TGR10G-R Datasheet HTML 20Page - rfsolutions.ltd TGR10G-R Datasheet HTML 21Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
DS-TGR10-2 Feb ’07
©2007 RF Solutions Ltd, www.rfsolutions.co.uk
Page 21
Tel 01273 898000 Fax 01273 480661
TGR10
TGR10G
GSM Remote Control Unit
Technical Specifications
Basic, Advanced and Professional
Enclosure
DIN Rail – EN 60715 TH35
Dimensions
70 x 90 x 70 mm
Weight
160g
Power supply
12Vdc
Current Consumption
Idle: 32-38mA, Relay Energised: 70mA
Accumulator (option)
1, the same voltage as power supply
Digital inputs
2, NO, TTL, 12V
Relays
1, NO/NC/COM
GSM module
Quad-band
E-GSM-900, GSM-850
DCS-1800, PCS-1900
SIM card interface
3V
Antenna connector
SMA
GPS module*
GPS receiver
20-parallel channel GPS receiver
Sensitivity
-159 dBW
Antenna connector
SMA
Antenna Power Supply
3-5 Vdc
* Only ‘G’ models
Advanced and Reference
Digital inputs
4, NO, TTL, 12V
Digital outputs
1, open-collector
Temperature sensor interface
1, I2C interface
Reference
PC Serial Interface
1, RS-232/RS-485
Accessories
Part Number
Description
TGR-TT02
Temperature Sensor - Temperature from -55°C to +125°C (±1°C at 30°C), with 5m length cable
TGR-TIR01
IR Intruder Sensor - 9-14.5 Vdc, indoor, cover area 7.6 x 7.6m at height of 2.4m, 360°, 30 areas,
temperature compensation, LED indicator
TGR-TIR02
IR Intruder Sensor - 12 Vdc, outdoor, cover area 12 x 15m, day and night mode, -20 - +50°C,
temperature compensation, LED indicator
TGR-TF01
Smoke Sensor - 12-24 Vdc, LED indicator,
TGR-TW01
Water Inlet Sensor - Floating switch, for TGR series Remote Control Units.
TGR-TAGM 01
GSM antenna - Stubby, frequency range GSM 900MHz, GSM 1800MHz, gain 2,.5dB, with SMA connector
TGR-TAGM 02
GSM antenna - Frequency range GSM 900MHz, GSM 1800MHz, gain 0dB, with 3m cable length and
SMA connector
TGR-TAGP 01
GPS antenna - 3.3–4.5Vdc, center frequency 1575,42MHz, with 5m cable length and SMA connector
TGR-TAC12
Accumulator - 12V/7.2Ah
RF Solutions Ltd.,
Unit 21, Cliffe Industrial Estate,
South Street, Lewes, E Sussex, BN8 6JL. England
Tel +44 (0)1273 898 000
Fax +44 (0)1273 480 661
Email: sales@rfsolutions.co.uk
www.rfsolutions.co.uk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com