Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF620RA Datasheet(PDF) 3 Page - rfsolutions.ltd

Part # RF620RA
Description  SmartRadio Transmitter / Receiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RF620RA Datasheet(HTML) 3 Page - rfsolutions.ltd

  RF620RA Datasheet HTML 1Page - rfsolutions.ltd RF620RA Datasheet HTML 2Page - rfsolutions.ltd RF620RA Datasheet HTML 3Page - rfsolutions.ltd RF620RA Datasheet HTML 4Page - rfsolutions.ltd RF620RA Datasheet HTML 5Page - rfsolutions.ltd RF620RA Datasheet HTML 6Page - rfsolutions.ltd RF620RA Datasheet HTML 7Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DS620-3 Jan ‘07
©2007 Reg. No. 227 4001, ENGLAND
Page 3
RF620T
RF620R
SmartRadio Transmitter / Receiver
RF620R - Pin Description
Pin No
Name
Description
1
Vcc-RF
+5V Supply Voltage – RF section.
2
GND-RF
RF Ground.
3
ANT
Connect Antenna to this input.
7
GND-RF
RF Ground.
11
GND-AF
AF Ground.
13
RSSI
Received Signal Strength Indicator (RSSI)
14
O/P-AF
Raw Data output from RF receiver (CMOS/TTL signal)
15
Vcc-digital
+5V Supply Voltage – digital section.
16
GND-digital
AF Ground – digital section.
17
MCLR
Pulls Microcontroller into reset if connected to Ground
May be left unconnected if not required (internally tied high)
19
\Serial Data
Serial data output, active low
20
\RTS
/RTS input, active low
21
\Learn
&
\LED
Dual function:
Programming Switch input, When grounded places the module into ‘learn’ mode.
External LED output, Indicates data reception, and programming status.
22
spare
leave unconnected
23
spare
leave unconnected
24
O/P1
Data Output 1. (has a 220
Ω series resistor)
25
O/P2
Data Output 2. (has a 220
Ω series resistor)
RF620R - Typical application circuit
RF620R
13
711
15
20
25
Vcc
GND
22
O/P 2
O/P 1
Vcc
Status
LED
LED drive example
Serial data output,
CMOS/TTL Level
RTS input
Learn Switch
1k
470R



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com