Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80EPSPBF Datasheet(PDF) 2 Page - International Rectifier

Part # 80EPSPBF
Description  INPUT RECTIFIER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

80EPSPBF Datasheet(HTML) 2 Page - International Rectifier

  80EPSPBF Datasheet HTML 1Page - International Rectifier 80EPSPBF Datasheet HTML 2Page - International Rectifier 80EPSPBF Datasheet HTML 3Page - International Rectifier 80EPSPBF Datasheet HTML 4Page - International Rectifier 80EPSPBF Datasheet HTML 5Page - International Rectifier 80EPSPBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
80EPS..PbF SAFE
IR Series
Bulletin I2202 rev. A 03/06
www.irf.com
T
J
Max. Junction Temperature Range
- 40 to 150
°C
T
stg
Max. Storage Temperature Range
- 40 to 150
°C
R
thJC
Max. Thermal Resistance Junction
0.35
°C/W
DC operation
to Case
R
thJA
Max. Thermal Resistance Junction
40
°C/W
to Ambient
R
thCS
Typical Thermal Resistance, Case to
0.2
°C/W
Mounting surface , smooth and greased
Heatsink
wt
Approximate Weight
6 (0.21)
g (oz.)
T
MountingTorque
Min.
6 (5)
Max.
12 (10)
CaseStyle
TO-247AC
JEDEC
Marking Device
80EPS12
Thermal-Mechanical Specifications
Parameters
80EPS..
Units
Conditions
Kg-cm
(Ibf-in)
V
FM
Max. Forward Voltage Drop
1.17
V
@ 80A, T
J
= 25°C
r
t
Forward slope resistance
3.17
m
Ω
VF(TO) Threshold voltage
0.73
V
I
RM
Max. Reverse Leakage Current
0.1
T
J
= 25 °C
1.0
TJ = 150 °C
Electrical Specifications
Parameters
80EPS..
Units
Conditions
T
J
= 150°C
V
R
= rated V
RRM
mA
I
F(AV)
Max. Average Forward Current
80
A
@ T
C
= 100° C, 180° conduction half sine wave
I
FSM
Max.PeakOneCycleNon-Repetitive
1450
10ms Sine pulse, rated VRRMapplied
Surge Current
1500
10msSine pulse,novoltagereapplied
I
2t
Max. I
2t for fusing
10500
10ms Sine pulse, rated V
RRM
applied
14000
10ms Sinepulse, novoltagereapplied
I
2√t Max.I2√tforfusing
105000
A
2√s
t = 0.1 to 10ms, no voltage reapplied
Absolute Maximum Ratings
Parameters
80EPS..
Units
Conditions
A
A
2s
Part Number
V
RRM
, maximum
V
RSM
, maximum non repetitive
I
RRM
peak reverse voltage
peak reverse voltage
150°C
VV
mA
80EPS08PbF
800
900
1
80EPS12PbF
1200
1300
Voltage Ratings



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com