Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ALVC32DGVR Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74ALVC32DGVR
Description  QUADRUPLE 2-INPUT POSITIVE-OR GATE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74ALVC32DGVR Datasheet(HTML) 1 Page - Texas Instruments

  SN74ALVC32DGVR Datasheet HTML 1Page - Texas Instruments SN74ALVC32DGVR Datasheet HTML 2Page - Texas Instruments SN74ALVC32DGVR Datasheet HTML 3Page - Texas Instruments SN74ALVC32DGVR Datasheet HTML 4Page - Texas Instruments SN74ALVC32DGVR Datasheet HTML 5Page - Texas Instruments SN74ALVC32DGVR Datasheet HTML 6Page - Texas Instruments SN74ALVC32DGVR Datasheet HTML 7Page - Texas Instruments SN74ALVC32DGVR Datasheet HTML 8Page - Texas Instruments SN74ALVC32DGVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
www.ti.com
FEATURES
D, DGV, NS, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
DESCRIPTION/ORDERING INFORMATION
The SN74ALVC32 performs the Boolean function Y = A ⋅ B or Y = A + B in positive logic.
A
B
Y
SN74ALVC32
QUADRUPLE 2-INPUT POSITIVE-OR GATE
SCES108G – JULY 1997 – REVISED NOVEMBER 2004
•
Operates From 1.65 V to 3.6 V
•
Max tpd of 2.8 ns at 3.3 V
•
±24-mA Output Drive at 3.3 V
•
Latch-Up Performance Exceeds 250 mA Per
JESD 17
•
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
This quadruple 2-input positive-OR gate is designed for 1.65-V to 3.6-V VCC operation.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube
SN74ALVC32D
SOIC - D
ALVC32
Tape and reel
SN74ALVC32DR
SOP - NS
Tape and reel
SN74ALVC32NSR
ALVC32
-40
°C to 85°C
Tube
SN74ALVC32PW
TSSOP - PW
VA32
Tape and reel
SN74ALVC32PWR
TVSOP - DGV
Tape and reel
SN74ALVC32DGVR
VA32
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
Y
A
B
H
X
H
X
H
H
L
L
L
LOGIC DIAGRAM, EACH GATE (POSITIVE LOGIC)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1997–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74ALVC32DGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC32DGVR TI-SN74ALVC32DGVR Datasheet
248Kb / 9P
QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74ALVC32DGVR TI-SN74ALVC32DGVR Datasheet
404Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74ALVC32DGVR TI2-SN74ALVC32DGVR Datasheet
596Kb / 18P
QUADRUPLE 2-INPUT POSITIVE-OR GATE
REVISED NOVEMBER 2004
SN74ALVC32DGVR.B TI2-SN74ALVC32DGVR.B Datasheet
596Kb / 18P
QUADRUPLE 2-INPUT POSITIVE-OR GATE
REVISED NOVEMBER 2004
SN74ALVC32DGVRE4 TI-SN74ALVC32DGVRE4 Datasheet
404Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-OR GATE
More results

Similar Description - SN74ALVC32DGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11032 TI-74AC11032 Datasheet
76Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-OR GATE
REVISED APRIL 1996
SN74ALVC32 TI-SN74ALVC32 Datasheet
248Kb / 9P
QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74AUC32 TI-SN74AUC32 Datasheet
403Kb / 9P
QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74ALVC32 TI-SN74ALVC32_07 Datasheet
404Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74LV32A-EP TI1-SN74LV32A-EP Datasheet
519Kb / 12P
QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74LVC32A-EP TI1-SN74LVC32A-EP Datasheet
559Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74LV32A-Q1 TI1-SN74LV32A-Q1 Datasheet
202Kb / 10P
QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74AC32-EP TI1-SN74AC32-EP Datasheet
274Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74AHC32-EP TI1-SN74AHC32-EP Datasheet
433Kb / 9P
QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74AHCT32-Q1 TI1-SN74AHCT32-Q1 Datasheet
262Kb / 10P
QUADRUPLE 2-INPUT POSITIVE-OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com