Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W0402R-11-RJPB Datasheet(PDF) 2 Page - TT Electronics.

Part # W0402R-11-RJPB
Description  Precision Thin Film Chip Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

W0402R-11-RJPB Datasheet(HTML) 2 Page - TT Electronics.

  W0402R-11-RJPB Datasheet HTML 1Page - TT Electronics. W0402R-11-RJPB Datasheet HTML 2Page - TT Electronics. W0402R-11-RJPB Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Precision Thin Film
Chip Resistors
PFC Special Series
IRC Advanced Film Division
PFC Series Issue August 2011 Sheet 2 of 4
• Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Email: afdsales@irctt.com • Website: www.irctt.com
Precision Thin Film
Chip Resistors
Manufacturing Capabilities Data
±5%, ±2%, ±1%, ±0.5%, ±0.1%
±5%, ±2%, ±1%, ±0.5%, ±0.1%, ±0.05%, ±0.02%
±25 ppm/°C
±50 or ±100 ppm/°C
W1206
5
Ω
10
Ω
50
Ω
100
Ω
200
Ω
400K
Ω
650K
Ω
1.0M
Ω
W0805
5
Ω
10
Ω
50
Ω
100
Ω
200
Ω
100K
Ω
180K
Ω
267K
Ω
±5%, ±2%, ±1%, ±0.5%, ±0.1%, ±0.05%
Resistance Range
±15 ppm/°C
±10 ppm/°C
30K
W0402
50
Ω
W0603
5
Ω
10
Ω
50
Ω
100
Ω
200
Ω
50K
Ω
75K
Ω
100K
Ω
Tolerance
Resistance Range
TCR
TCR
Tolerance
±25, ±50 or ±100 ppm/°C
Ω
IRC Advanced Film Division
PFC Series Issue August 2011 Sheet 4 of 4
• Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Email: afdsales@irctt.com • Website: www.irctt.com
L
a
W
H
b
TO P
SIDE
BOTTOM
Model
L
W
H
a
b
W0402
W0603
0.04 ±0.002
(1.02 ±0.05)
0.021 ±0.002
(0.53 ±0.05)
0.012 ±0.003
(0.3 ±0.08)
0.02 ±0.004
(0.51 ±0.1)
0.02 ±0.006
(0.51 ±0.15)
0.024 ±0.004
(0.61 ±0.1)
0.008 ±0.002
(0.2 ±0.05)
0.012 ±0.005
(0.3 ±0.13)
0.015 ±0.008
(0.38 ±0.2)
0.025 ±0.01
(0.64 ±0.25)
0.01 ±0.002
(0.25 ±0.05)
0.015 ±0.005
(0.38 ±0.13)
0.016 ±0.008
(0.41 ±0.2)
0.025 ±0.01
(0.64 ±0.25)
0.031 ±0.004
(0.79 ±0.1)
0.05 ±0.005
(1.27 ±0.13)
0.063 ±0.005
(1.6 ±0.13)
0.063 ±0.004
(1.6 ±0.1)
0.081 ±0.005
(2.06 ±0.13)
0.126 ±0.006
(3.2 ±0.15)
W0805
W1206
Physical Data
IRC’s PFC chip resistors are available with MIL screening. These chips are manufactured on the same production line as our Mil-
qualified chip resistors and screened in accordance with MIL-PRF-55342.
These chips are identified with IRC’s ordering information and not with MIL marking.
MIL Screened Precision Chip Resistors
Precision Thin Film
Chip Resistors
Power Derating Curve
09.18
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
TCR
ppm/°C
Tolerance %
W0402
W0603
W0805
W1206
0.02
0.05
0.1-5
0.02
0.05
0.1-5
0.02
0.05
0.1-5
0.02
0.05
0.1-5
10
100Ω-16kΩ
100Ω-16kΩ1
100Ω-50kΩ
100Ω-50kΩ1
100Ω-100kΩ
100Ω-100kΩ1
100Ω-400kΩ
100Ω-400kΩ1
15
50Ω-16kΩ
50Ω-16kΩ1
50Ω-50kΩ
50Ω-50kΩ1
50Ω-100kΩ
50Ω-100kΩ1
50Ω-400kΩ
50Ω-400kΩ1
25
50Ω-16kΩ
10Ω-24kΩ
10Ω-30kΩ2
50Ω-50kΩ 10Ω-75kΩ
10Ω-100kΩ1
50Ω-100kΩ 10Ω-180kΩ
10Ω-267kΩ1
50Ω-400kΩ 10Ω-650kΩ
10Ω-1MΩ1
50, 100
7.5Ω-30kΩ2
5Ω-100kΩ1
5Ω-267kΩ1
5Ω-1MΩ1
Notes
1. For Pb-free, unscreened PFC chips see separate PFC Commercial Series datasheet
2. For Pb-free, unscreened PFC chips at values ≥15R see separate PFC Commercial Series datasheet
MIL Screened Precision Chip Resistors
IRC’s PFC chip resistors are available with MIL screening. These chips are manufactured on the same production line as our Mil-qualified
chip resistors and screened in accordance with MIL-PRF-55342. These chips are identified with IRC’s ordering information and not with
MIL marking.
See separate MIL-CHIP datasheet.
PFC Series Datasheet Changes
•
Title in P1 and header: change from
PFC Series to PFC Special Series
•
Manufacturing Capabilities Data: replace figure with the following table:
TCR
ppm/°C
Tolerance %
W0402
W0603
W0805
W1206
0.02 0.05
0.1-5
0.02 0.05
0.1-5
0.02 0.05
0.1-5
0.02 0.05
0.1-5
10
100Ω-16kΩ 100Ω-16kΩ1 100Ω-50kΩ 100Ω-50kΩ1 100Ω-100kΩ 100Ω-100kΩ1 100Ω-400kΩ 100Ω-400kΩ1
15
50Ω-16kΩ
50Ω-16kΩ1
50Ω-50kΩ
50Ω-50kΩ1
50Ω-100kΩ
50Ω-100kΩ1
50Ω-400kΩ
50Ω-400kΩ1
25
50Ω-
16kΩ
10Ω-
24kΩ
10Ω-30kΩ2 50Ω-
50kΩ
10Ω-
75kΩ
10Ω-100kΩ1 50Ω-
100kΩ
10Ω-
180kΩ
10Ω-267kΩ1 50Ω-
400kΩ
10Ω-
650kΩ
10Ω-1MΩ1
50, 100
7.5Ω-30kΩ2
5Ω-100kΩ1
5Ω-267kΩ1
5Ω-1MΩ1
Notes
1.
For Pb-free, unscreened PFC chips see separate PFC Commercial Series datasheet
2.
For Pb-free, unscreened PFC chips at values ≥15R see separate PFC Commercial Series datasheet
•
Replace power derating curve with standard format graph below:
•
MIL Screened Precision Chip Resistors: Delete line break after
MIL-PRF-55342.
•
MIL Screened Precision Chip Resistors: Add
See separate MIL-CHIP datasheet.
•
Ordering Procedure USA (IRC) Mil Screened - footnote: Change
Please refer to PFC Military
datasheet…. to Please refer to MIL-CHIP datasheet….
END



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com