Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2T12-9 Datasheet(PDF) 1 Page - STMicroelectronics

Part # GS2T12-9
Description  2WLAN DC-DC CONVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS2T12-9 Datasheet(HTML) 1 Page - STMicroelectronics

  GS2T12-9 Datasheet HTML 1Page - STMicroelectronics GS2T12-9 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GS2T12-9
2W LAN DC-DC CONVERTER
June 1994
1/2
Type
Vi
Vo
Io
GS2T12-9
12 V
– 9 V
– 250 mA
DESCRIPTION
The GS2T12-9 is a 2.25W DC-DC converter de-
signed to provide power, voltage regulation and
isolation for Local Area Network (CHEAPERNET
and ETHERNET) transceivers from a wide range of
input voltage, according to IEEE 802.3 Standard.
ELECTRICAL CHARACTERISTICS (Tamb.=25
° C unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Vi
Input Voltage
Vo = -9V
Io = – 70 to – 250mA
11.28
12.00
15.75
V
Iir
Reflected Input
Current
Vi = 11.28 to 15.75V
Io = – 250mA
Vo =– 9V
100
mApp
Vo
Output Voltage
Vi = 11.28 to 15.75V
Io = – 70 to – 250mA
– 8.55
– 9.00
– 9.45
V
Vor
Output Ripple
Voltage
Vi = 11.28 to 15.75V Io = – 250mA
50
mVRMS
Von
Output Noise
Voltage
Vi = 11.28 to 15.75V Io = – 250mA
75
mVpp
δVOL
Line Regulation
Vi = 11.28 to 15.75V Io = – 250mA
5
mV
δVOO
Load Regulation
Vi = 12V
Io = – 70 to – 250mA
5mV
Io
Output Current
Vi = 11.28 to 15.75V Vo = – 9V
70
250
mA
Vis
Isolation Voltage
Input to Output
2500
VDC
η
Efficiency
Vi = 11.28 to 15.75V Io = – 250mA
70
71
%
Top
Operating Ambient
Temperature Range
0+70
°C
Tstg
Storage Temperature
Range
–40
+85
°C


Similar Part No. - GS2T12-9

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS2T12-9A STMICROELECTRONICS-GS2T12-9A Datasheet
32Kb / 2P
2 W LAN DC-DC CONVERTER
Dec-1993
GS2T12-9S STMICROELECTRONICS-GS2T12-9S Datasheet
33Kb / 2P
2 W LAN DC-DC CONVERTER
Dec-1993
More results

Similar Description - GS2T12-9

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com