Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS25T48-12 Datasheet(PDF) 2 Page - STMicroelectronics

Part # GS25T48-12
Description  25/30 W DC-DC CONVERTER FAMILY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS25T48-12 Datasheet(HTML) 2 Page - STMicroelectronics

  GS25T48-12 Datasheet HTML 1Page - STMicroelectronics GS25T48-12 Datasheet HTML 2Page - STMicroelectronics GS25T48-12 Datasheet HTML 3Page - STMicroelectronics GS25T48-12 Datasheet HTML 4Page - STMicroelectronics GS25T48-12 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/5
ELECTRICAL CHARACTERISTICS (Tamb =25
°C unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Vi
Input Voltage
Full Load
36
48
72
V
Ii
Input Current
GS25T48-5
Full Load
640
mA
GS30T48-12
Full Load
730
GS30T48-15
Full Load
730
Iir
Input Reflected
Current
Vi = 48V
Full Load
50
mApp
Iisc
Input Short-circuit
Current
GS25T48-5
Vi = 48V
710
mA
GS30T48-12
Vi = 48V
820
GS30T48-15
Vi = 48V
820
liq
Input Quiescent
Current
Vi = 48V
Converter OFF
5mA
Vinhl
Low Inhibit Voltage
Vi = 48V
Full Load
1.2
V
Vinhh
High Inhibit Voltage
Vi = 48V
Full Load
1.8
(open)
V
linh
Input Inhibit Current
Vi = 48V
Full Load
1
mA
Vo
Output Voltage
GS25T48-5
Vi = 48V
Full Load
4.95
5.00
5.05
V
GS30T48-12
Vi = 48V
Full Load
11.88
12.00
12.12
GS30T48-15
Vi = 48V
Full Load
14.85
15.00
15.15
Vor
Output Ripple and
Noise Voltage
Vi = 48V
Full Load
10
mVpp
δVo
Line Regulation
Vi = 36 to 72V
Full Load
±0.001
%
δVo
Load Regulation
Vi = 48V
Full Load to No Load
±0.05
%
Voov
Output Overvoltage
Protection
GS25T48-5
Vi = 48V
Full Load
6.8
V
GS30T48-12
Vi = 48V
Full Load
15
GS30T48-15
Vi = 48V
Full Load
18
δVo
Remote Sense per Leg
Vi = 36V
0.5
V
Tc
Temperature
Coefficient
Vi = 48V
Full Load
Operating Temperature Range
+0.02
%/
°C
GS25/30T48 FAMILY



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com