Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LCX00 Datasheet(PDF) 7 Page - STMicroelectronics

Part # 74LCX00
Description  Low-voltage CMOS quad dual input NAND gate with 5 V tolerant inputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX00 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button 74LCX00 Datasheet HTML 3Page - STMicroelectronics 74LCX00 Datasheet HTML 4Page - STMicroelectronics 74LCX00 Datasheet HTML 5Page - STMicroelectronics 74LCX00 Datasheet HTML 6Page - STMicroelectronics 74LCX00 Datasheet HTML 7Page - STMicroelectronics 74LCX00 Datasheet HTML 8Page - STMicroelectronics 74LCX00 Datasheet HTML 9Page - STMicroelectronics 74LCX00 Datasheet HTML 10Page - STMicroelectronics 74LCX00 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
74LCX00
Electrical characteristics
Doc ID 4972 Rev 7
7/16
Table 8.
AC electrical characteristics
Symbol
Parameter
Test condition
Value
Unit
VCC
(V)
CL
(pF)
RL
(
Ω)
ts = tr
(ns)
-40 to 85 °C
Min.
Max.
tPLH tPHL
Propagation delay
time
2.7
50
500
2.5
5.1
ns
3.0 to 3.6
1.0
4.3
tOSLH
tOSHL
Output-to-output
skew time(1), (2)
1.
Skew is defined as the absolute value of the difference between the actual propagation delay for any two
outputs of the same device switching in the same direction, either HIGH or LOW (tOSLH = | tPLHm - tPLHn|,
tOSHL = | tPHLm - tPHLn|).
2.
Parameter guaranteed by design.
3.0 to 3.6
50
500
2.5
1.0
ns
Table 9.
Capacitive characteristics
Symbol
Parameter
Test condition
Value
Unit
VCC
(V)
TA = 25 °C
Min.
Typ.
Max.
CIN
Input capacitance
3.3
VIN = 0 to VCC
6pF
CPD
Power dissipation
capacitance(1)
1.
CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the
operating current consumption without load. (Refer to Section 5: Test circuit). Average operating current
can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/4 (per gate).
3.3
fIN = 10 MHz
VIN = 0 or VCC
35
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com