Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LCX00MTR Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74LCX00MTR
Description  Low-voltage CMOS quad dual input NAND gate with 5 V tolerant inputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX00MTR Datasheet(HTML) 4 Page - STMicroelectronics

  74LCX00MTR Datasheet HTML 1Page - STMicroelectronics 74LCX00MTR Datasheet HTML 2Page - STMicroelectronics 74LCX00MTR Datasheet HTML 3Page - STMicroelectronics 74LCX00MTR Datasheet HTML 4Page - STMicroelectronics 74LCX00MTR Datasheet HTML 5Page - STMicroelectronics 74LCX00MTR Datasheet HTML 6Page - STMicroelectronics 74LCX00MTR Datasheet HTML 7Page - STMicroelectronics 74LCX00MTR Datasheet HTML 8Page - STMicroelectronics 74LCX00MTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Pin settings
74LCX00
4/16
Doc ID 4972 Rev 7
2
Pin settings
2.1
Pin connections
Figure 3.
Pin connections (top through view)
2.2
Pin description
2.3
Truth table
Table 2.
Pin description
Pin number
Symbol
Name and function
1, 4, 9, 12
1A to 4A
Data inputs
2, 5, 10, 13
1B to 4B
Data inputs
3, 6, 8, 11
1Y to 4Y
Data outputs
7
GND
Ground (0 V)
14
VCC
Positive supply voltage
Table 3.
Truth table
Inputs
Output
AB
Y
LL
H
LH
H
HLH
HH
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com