Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7530 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT7530
Description  100mA Voltage Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7530 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT7530 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7530 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7530 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7530 Datasheet HTML 4Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HT7530/33/36/44/50 EOL Notification
Features Cross Reference
Part No.
Item
HT75XX-1
HT75XX
Output Voltage
Same
Same
Electrical Specification
Same
Same
Part No.
HT7530-1
HT7533-1
HT7536-1
HT7544-1
HT7550-1
HT7530
HT7533
HT7536
HT7544
HT7550
Tolerance
±3%
±5%
Package Form
TO92 (Bulk, T&R)
TO92 (Bulk, T&R)
SOT89 (T&R only)
SOT89 (Bulk, T&R)
SOT25 (T&R only)
None
Marking
75XX-1 (for TO92 and SOT89)
HT75XX (for TO92 and SOT89)
5XX1 (for SOT25)
None
Availability
Now available
Last order: Jul/31/2003
Last shipment: Oct/31/2003
1
November 29, 2002
EOL Notification
Holtek hereby formally gives End Of Life (EOL) notification that the HT7530, HT7533, HT7536, HT7544 and HT7550
(hereinafter denoted as HT75XX) 100mA Voltage Regulator will be phased out of production with a latest purchase
date of July 31
st 2003. The suggested replacement device will be known as the HT7530-1, HT7533-1, HT7536-1,
HT7544-1 and HT7550-1 (hereinafter denoted as HT75XX-1) and will offer superior performance by providing lower
output voltage tolerance of 3% in addition to having an additional SOT25 packaging type.
The following shows the phase out schedule for the HT75XX and the cross references between the phased out devices
and the new release devices:
· Last time buy date: July 31st 2003
- Order placement deadline
· Production stops: October 31st 2003
- Cease production
- Last delivery
- Product reaches end of life status
· Suggested replacement device: HT75XX-1
- Output voltage tolerance of ±3%
- Additional SOT25 package release
- All devices are now available
- Refer to the following tables for cross reference information.


Similar Part No. - HT7530

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7530 HOLTEK-HT7530 Datasheet
100Kb / 10P
High Driver Regulator
May 2, 2000
logo
ARTSCHIP ELECTRONICS CO...
HT7530 ARTSCHIP-HT7530 Datasheet
201Kb / 7P
High Driver Regulator
logo
DONGGUAN YOU FENG WEI E...
HT7530 YFWDIODE-HT7530 Datasheet
2Mb / 8P
Low Dropout Regulators
logo
Multicomp Pro
HT7530 MULTICOMP-HT7530 Datasheet
245Kb / 3P
High Driver LDO Regulator
29/07/24 V1.0
logo
Holtek Semiconductor In...
HT7530-1 HOLTEK-HT7530-1 Datasheet
129Kb / 14P
100mA Low Power LDO
April 30, 2013
More results

Similar Description - HT7530

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS78LXX ADMOS-AMS78LXX Datasheet
59Kb / 7P
100mA VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AS78LXX BCDSEMI-AS78LXX_07 Datasheet
202Kb / 16P
100mA POSITIVE VOLTAGE REGULATOR
logo
GTM CORPORATION
GLLM317L GTM-GLLM317L Datasheet
197Kb / 3P
100mA ADJUSTABLE VOLTAGE REGULATOR
GMLM317L GTM-GMLM317L Datasheet
206Kb / 3P
100mA ADJUSTABLE VOLTAGE REGULATOR
GSCLM317L GTM-GSCLM317L Datasheet
229Kb / 3P
100mA ADJUSTABLE VOLTAGE REGULATOR
logo
TAITRON Components Inco...
LM78L TAITRON-LM78L Datasheet
589Kb / 14P
100mA Positive Voltage Regulator
logo
SeCoS Halbleitertechnol...
SCLM317L SECOS-SCLM317L Datasheet
595Kb / 3P
100mA Adjustable Voltage Regulator
SMLM317L SECOS-SMLM317L Datasheet
595Kb / 3P
100mA Adjustable Voltage Regulator
logo
ACE Technology Co., LTD...
ACE78LXXG ACE-ACE78LXXG Datasheet
657Kb / 10P
100mA Positive Voltage Regulator
VER1.5
logo
Gamma Microelectronics ...
GM79L00 GAMMA-GM79L00 Datasheet
159Kb / 9P
100mA NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com