Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7550 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT7550
Description  100mA Voltage Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7550 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT7550 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7550 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7550 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7550 Datasheet HTML 4Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Ordering Cross Reference
HT75XX-1
HT75XX
Package form
Output
Voltage
Order No./
Marking
Package form
Output
Voltage
Order No./
Marking
3.0V
±3%
3.3V
±3%
3.6V
±3%
4.4V
±3%
5.0V
±3%
7530-1
7533-1
7536-1
7544-1
7550-1
3.0V
±5%
3.3V
±5%
3.6V
±5%
4.4V
±5%
5.0V
±5%
HT7530
HT7533
HT7536
HT7544
HT7550
3.0V
±3%
3.3V
±3%
3.6V
±3%
4.4V
±3%
5.0V
±3%
7530-1
7533-1
7536-1
7544-1
7550-1
3.0V
±5%
3.3V
±5%
3.6V
±5%
4.4V
±5%
5.0V
±5%
HT7530
HT7533
HT7536
HT7544
HT7550
3.0V
±3%
3.3V
±3%
3.6V
±3%
4.4V
±3%
5.0V
±3%
5301
5331
5361
5441
5501
¾¾
¾
Note:
For HT75XX-1, SOT89 and SOT25 are shipped in Tape & Reel only.
HT75XX EOL Notification
2
November 29, 2002
T O 9 2 ( B u l k , T & R )
V O U T G N D V I N
H T 7 5 X X
. r o n t
V i e w
B o t t o m
V i e w
G N D
V I N
V O U T
S O T 8 9 ( T & R o n l y )
G N D
V I N
V O U T
7 5 X X - 1
G N D
V I N
V O U T
S O T 8 9 ( B u l k , T & R )
G N D
V I N
V O U T
H T 7 5 X X
S O T 2 5 ( T & R o n l y )
G N D
V I N
V O U T
N C
N C
T o p
V i e w
G N D
V I N
V O U T
5 X X 1
T O 9 2 ( B u l k , T & R )
V O U T G N D V I N
7 5 X X - 1
. r o n t
V i e w
B o t t o m
V i e w



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com