Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2T48-D12 Datasheet(PDF) 1 Page - STMicroelectronics

Part # GS2T48-D12
Description  2W DUAL OUTPUT DC-DC CONVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS2T48-D12 Datasheet(HTML) 1 Page - STMicroelectronics

  GS2T48-D12 Datasheet HTML 1Page - STMicroelectronics GS2T48-D12 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GS2T48-D12
2W DUAL OUTPUT DC-DC CONVERTER
December 1993
1/2
Type
Vin
Vout
Iout
GS2T48-D12
38 to 60 V
±12 V
±100mA
DESCRIPTION
The GS2T48-D12 is a 2.4W DC-DC converter de-
signed to provide an isolated +12V/100mA and
-12V/100mApower source.
The module operates from wide input range (38 to
60V) and offers low reflected input current and
continuous short-circuit protection.
ELECTRICAL CHARACTERISTICS (Tamb.=25
° C unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Vi
Input Voltage
Vo1= +12V
Io1= 0 to 100mA
Vo2 = -12V
Io2 = 0 to -100mA
38
48
60
V
Iir
Input Reflected
Current
Vi= 38 to 60V
Full Load
3
5
mApp
Vo1
Output Voltage 1
Vi = 38 to 60V
Io1 = 0 to 100mA
Io2 = 0 to -100mA
11.2
12.0
12.8
V
Vo2
Output Voltage 2
Vi = 38 to 60V
Io2 = 0 to -100mA
Io1 = 0 to 100mA
-11.2
-12.0
-12.8
V
Vor1
Output Ripple
Voltage 1
Vi =38 to 60
Io1 = 100mA
30
50
mVrms
Vor2
Output Ripple
Voltage 2
Vi =38 to 60
Io2 = -100mA
30
50
mVrms
Io1
Output Current 1
Vi = 38 to 60V
Vo1 = 12V
0
100
mA
Io2
Output Current 2
Vi = 38 to 60V
Vo2 = -12V
0
-100
mA
Vis
Isolation Voltage
500
Vdc
fs
Switching Frequency
Vi = 48V
50
100
150
kHz
η
Efficiency
Vi= 48V
Full Load
70
73
%
Top
Operating Ambient
Temperature Range
0
+70
°C
Tstg
Storage Temperature
Range
-40
+85
°C


Similar Part No. - GS2T48-D12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS2T12-9 STMICROELECTRONICS-GS2T12-9 Datasheet
40Kb / 2P
2WLAN DC-DC CONVERTER
Jun-1994
GS2T12-9A STMICROELECTRONICS-GS2T12-9A Datasheet
32Kb / 2P
2 W LAN DC-DC CONVERTER
Dec-1993
GS2T12-9S STMICROELECTRONICS-GS2T12-9S Datasheet
33Kb / 2P
2 W LAN DC-DC CONVERTER
Dec-1993
logo
List of Unclassifed Man...
GS2T25 ETC2-GS2T25 Datasheet
88Kb / 1P
GS2T25 3/8-2 CU GRD STRAP .025
logo
STMicroelectronics
GS2T5-12 STMICROELECTRONICS-GS2T5-12 Datasheet
34Kb / 2P
2 WDC-DC CONVERTER
Dec-1993
More results

Similar Description - GS2T48-D12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS2T5-D12 STMICROELECTRONICS-GS2T5-D12 Datasheet
32Kb / 2P
2W DUAL OUTPUT DC-DC CONVERTER
Dec-1993
GS2T5-D5 STMICROELECTRONICS-GS2T5-D5 Datasheet
114Kb / 2P
2W DUAL OUTPUT DC-DC CONVERTER
Dec-1993
logo
Mean Well Enterprises C...
SPA02 MEANWELL-SPA02 Datasheet
247Kb / 1P
2W DC-DC Regulated Single Output Converter
SPU02 MEANWELL-SPU02 Datasheet
167Kb / 1P
2W DC-DC Unregulated Single Output Converter
logo
Superworld Electronics
SW2R48S03UWF SUPERWORLD-SW2R48S03UWF Datasheet
172Kb / 2P
2W Ultra-Wide Input Single & Dual Output DC-DC Converter
SW2R24S03WF SUPERWORLD-SW2R24S03WF Datasheet
182Kb / 2P
2W Wide Input Single & Dual Output DC-DC Converter
logo
Mean Well Enterprises C...
SPA02 MEANWELL-SPA02_11 Datasheet
249Kb / 1P
2W DC-DC Regulated Single Output Converter
SPU02 MEANWELL-SPU02_11 Datasheet
169Kb / 1P
2W DC-DC Unregulated Single Output Converter
logo
MORNSUN Science& Techno...
IA0505S-1W5 MORNSUN-IA0505S-1W5 Datasheet
360Kb / 3P
2W, FIXED INPUT, ISOLATED & REGULATED DUAL OUTPUT DC-DC CONVERTER
logo
Mean Well Enterprises C...
SMU02 MEANWELL-SMU02 Datasheet
57Kb / 1P
2W DC-DC Unregulated Single Output Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com