Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP05 Datasheet(PDF) 1 Page - TM Electronics Inc

Part # TP05
Description  Type T Food Kit with Thermometer, Standard Probes, Temperature Record Book and Case
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TM [TM Electronics Inc]
Direct Link  
Logo TM - TM Electronics Inc

TP05 Datasheet(HTML) 1 Page - TM Electronics Inc

  TP05 Datasheet HTML 1Page - TM Electronics Inc TP05 Datasheet HTML 2Page - TM Electronics Inc TP05 Datasheet HTML 3Page - TM Electronics Inc TP05 Datasheet HTML 4Page - TM Electronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
FK2
Type T Food Kit with Thermometer, Standard Probes, Temperature
Record Book and Case
MM2000 Thermometer
FEATURES
Easy to use low cost high accuracy microprocessor based thermocouple instrument with a
measurement range of -200 to +1372
C and an operating range of -30 to 50 C.
***
C / F switchable
***
Resolution of 0.1
 to 1000 autoranging
***
Switchable thermocouple types K / T / J / R / N / E / S
***
Infra-Red sensor compatibility
***
Full retention of thermocouple type and temperature scale
***
User configurable Auto Switch Off capability
***
Easy to use software calibration
***
Overrange / Open circuit sensor indication
***
Low battery indication
***
Supplied complete with shock resistant rubber boot
***
IP67 casing
SPECIFICATION
ENVIRONMENTAL
AMBIENT OPERATING RANGE
:
-30 to 50
C
STORAGE TEMPERATURE RANGE
:
-40 to 50
C
HUMIDITY
:
0 to 70% R.H.
ELECTRICAL
MEASUREMENT RANGES
:
K
-200 to 1372
C
T
-200 to 400
C
J
-200 to 1200
C
R
0 to 1767
C
N
-200 to 1200
C
E
-200 to 1000
C
S
0 to 1767
C
THERMOCOUPLE TYPES
:
K T J R N E S
INFRA-RED SENSOR
(Exergen K80)
:
K80 –50 to 250
C
TEMPERATURE SCALES
:
C / F
ACCURACY @23
C
:
+/- 0.1% OF READING +/- 0.2
C
CHARACTERISING ACCURACY
:
LESS THAN 0.05
C
TEMPERATURE COEFFICIENT
:
0.01% OF READING /
C
COLD JUNCTION COMPENSATION
:
0.0075
C/C
RESOLUTION
:
0.1
 to 1000, 1 ABOVE 1000
GENERAL
BATTERY
:
PP3 9V I.E.C. 6F22
BATTERY LIFE (INTERMITTENT USE)
:
GREATER THAN 200 HOURS (ALKALINE)
WEIGHT
:
155 gms
DIMENSIONS
:
130 X 70 X 33 mm


Similar Part No. - TP05

ManufacturerPart #DatasheetDescription
logo
Velleman Group nv All r...
TP05 VELLEMAN-TP05 Datasheet
406Kb / 2P
TEMPERATURE PROBE FOR DVM890
3/28/2018
logo
TM Electronics Inc
TP05 TM-TP05 Datasheet
63Kb / 2P
T TYPE THERMOCOUPLE THERMOMETER WITH HOLD FUNCTION
V2
TP05 TM-TP05 Datasheet
107Kb / 4P
TYPE T LEGIONELLA TEMPERATURE KIT WITH THERMOMETER, STANDARD PROBES AND ACCESSORIES
TP05 TM-TP05 Datasheet
102Kb / 3P
Legionella Temperature Monitoring Kit – Includes MM2008 Digital Thermometer and Budget K Type Dual Surface/Immersion Probe
logo
RCD COMPONENTS INC.
TP05-100-DB RCD-TP05-100-DB Datasheet
61Kb / 1P
HIGH POWER PLANAR RESISTORS, 5W to 100W
More results

Similar Description - TP05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM-301 ETC2-DM-301 Datasheet
3Mb / 16P
THERMOCOUPLE & RESISTANCE THERMOMETER SENSORS & PROBES
logo
Extech Instruments Corp...
409997 EXTECH-409997 Datasheet
180Kb / 1P
Temperature Probes
872502 EXTECH-872502 Datasheet
180Kb / 1P
Temperature Probes
881616 EXTECH-881616 Datasheet
180Kb / 1P
Temperature Probes
TP870 EXTECH-TP870_15 Datasheet
180Kb / 1P
Temperature Probes
TP873 EXTECH-TP873 Datasheet
180Kb / 1P
Temperature Probes
logo
Amphenol Corporation
HTP60 AMPHENOL-HTP60 Datasheet
54Kb / 4P
High Temperature Probes
logo
Cynergy3 Co
ITTP100A CYNERGY3-ITTP100A Datasheet
111Kb / 1P
Programmable Temperature Probes - Thermocouple and PT100 Assemblies
logo
Testo SE & Co. KGaA
TESTO104 TESTO-TESTO104 Datasheet
498Kb / 12P
Food thermometer
logo
E+E Elektronik Ges.m.b....
EE220 EPLUSE-EE220 Datasheet
3Mb / 10P
Humidity and Temperature Sensor with Interchangeable Probes
01-2024
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com