Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP07 Datasheet(PDF) 2 Page - TM Electronics Inc

Part # TP07
Description  Type T Food Kit with Thermometer, Standard Probes, Temperature Record Book and Case
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TM [TM Electronics Inc]
Direct Link  
Logo TM - TM Electronics Inc

TP07 Datasheet(HTML) 2 Page - TM Electronics Inc

  TP07 Datasheet HTML 1Page - TM Electronics Inc TP07 Datasheet HTML 2Page - TM Electronics Inc TP07 Datasheet HTML 3Page - TM Electronics Inc TP07 Datasheet HTML 4Page - TM Electronics Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Probes
All probes are manufactured using:
Type ‘T’ Thermocouple
: ½ Class I
(±0.25°C ±0.15%)
Two stage moulding technique. Firstly the probes are encased in tough nylon, then
a thermoplastic over moulding is applied. This gives an extremely robust and
durable construction.
Polypropylene Handles: Polypropylene is an extremely tough and durable material,
commonly used for milk crates; it has good low temperature performance and a
relatively high melt temperature. It performs exceptionally well under chemical
attack
Polypropylene Cable:
Polyurethane cables are used in place of the standard PVC for the following
reasons :-
Greater retractability
Enhanced memory of its curl
Non–Toxic
Greater mechanical strength for durability
12 X 0.2mm wires used internally for greater strength.
PTFE inner insulation for strength and retractability.
TA03 MOVING AIR TEMPERATURE PROBE
This probe uses the straight handle for fine control. This probe is used for the measurement of
the temperature of gasses. It is especially useful for air ducts such as those used in
refrigeration, heating or air conditioning
Construction
The probe features an exposed thermocouple junction protected by a stainless steel funnel
sheath. Stainless Steel 316 (Food Grade). Sensor stem measures 110mm length x 4mm diameter
Sensor funnel measures 30mm x 13mm diameter. 2M curly polyurethane cable with moulded
connector. Waterproof Handle
WIDE AMBIENT TEMPERATURE SPECIFICATION
: -30 TO 50 °C
TIME RESPONSE
(96% of value in moving gas)
: 0.1 Secs
MEASUREMENT RANGE
: -100 TO 400 °C
TA12 FLAT FOOD TEMPERATURE PROBE
This probe uses the straight handle for fine control. The probe is designed for the measurement
of temperature between products. Most commonly used as part of a goods inward inspection
procedure. May also be used for liquid temperature measurement.
Construction
Stainless Steel Blade 110mm Long with 90mm x 5mm Flat: Stainless Steel 316 (Food Grade)
2M curly polyurethane cable with moulded connector. Complete waterproof assembly. This
provides the user with a far more robust product than the foil type of between pack probe.
WIDE AMBIENT TEMPERATURE SPECIFICATION
: -30 TO 50 °C
TIME RESPONSE
(96% of value in water)
: 3.0 Secs
MEASUREMENT RANGE
: -50 TO 300 °C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com