Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM01 Datasheet(PDF) 1 Page - TM Electronics Inc

Part # TM01
Description  T TYPE THERMOCOUPLE THERMOMETER WITH HOLD FUNCTION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TM [TM Electronics Inc]
Direct Link  
Logo TM - TM Electronics Inc

TM01 Datasheet(HTML) 1 Page - TM Electronics Inc

  TM01 Datasheet HTML 1Page - TM Electronics Inc TM01 Datasheet HTML 2Page - TM Electronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CA2005 Catering Thermometer
T TYPE THERMOCOUPLE THERMOMETER WITH HOLD FUNCTION
FEATURES
Easy to use low cost high accuracy microprocessor based thermocouple instrument with the
benefits of a hold function. This instrument has wide measurement range of -50 to +400
C and an
operating range of -30 to 50
C.
***
Hold function with dual display
***
Preset to °C
***
Resolution of 0.1
 to 1000 autoranging
***
Compatible with TME T type temperature probes
***
Auto Switch Off capability
***
Overrange / Open circuit sensor indication
***
Low battery indication
***
IP67 casing
SPECIFICATION
Environmental
AMBIENT OPERATING RANGE
:
-30 to 50
C
STORAGE TEMPERATURE RANGE
:
-40 to 50
C
HUMIDITY
:
0 to 70% R.H.
ELECTRICAL
MEASUREMENT RANGES
:
-50 to +400
C
THERMOCOUPLE TYPES
:
T
TEMPERATURE SCALES
:
C
ACCURACY @23
C
:
+/- 0.1% OF READING +/- 0.2
C
CHARACTERISING ACCURACY
:
LESS THAN 0.05
C
TEMPERATURE COEFFICIENT
:
0.01% OF READING /
C
COLD JUNCTION COMPENSATION
:
0.0075
C/C
RESOLUTION
:
0.1
 to 1000, 1 ABOVE 1000
GENERAL
BATTERY
:
PP3 9V I.E.C. 6F22
BATTERY LIFE (INTERMITTENT USE)
:
GREATER THAN 200 HOURS (ALKALINE)
WEIGHT
:
155 gms
DIMENSIONS
:
130 X 70 X 33 mm


Similar Part No. - TM01

ManufacturerPart #DatasheetDescription
logo
TM Electronics Inc
TM01 TM-TM01 Datasheet
97Kb / 4P
Type T Food Kit with Thermometer, Standard Probes, Temperature Record Book and Case
TM01 TM-TM01 Datasheet
107Kb / 4P
TYPE T LEGIONELLA TEMPERATURE KIT WITH THERMOMETER, STANDARD PROBES AND ACCESSORIES
TM01 TM-TM01 Datasheet
102Kb / 3P
Legionella Temperature Monitoring Kit – Includes MM2008 Digital Thermometer and Budget K Type Dual Surface/Immersion Probe
logo
Transcom, Inc.
TM010-180-12-13 TRANSCOM-TM010-180-12-13 Datasheet
26Kb / 1P
1-18 GHz 13 dBm Gain Module
logo
List of Unclassifed Man...
TM0127AAA6 ETC1-TM0127AAA6 Datasheet
53Kb / 2P
TM0127AAA6
More results

Similar Description - TM01

ManufacturerPart #DatasheetDescription
logo
Winbond
W91520N WINBOND-W91520N Datasheet
193Kb / 16P
TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
logo
Sanyo Semicon Device
LC7555 SANYO-LC7555 Datasheet
958Kb / 12P
Level Meter with Peak Hold Function
logo
STMicroelectronics
L3914A STMICROELECTRONICS-L3914A Datasheet
188Kb / 15P
SPEECH AND 14 MEMORY DIALER WITH HOLD FUNCTION
Jan-1995
logo
Extech Instruments Corp...
392065 EXTECH-392065 Datasheet
162Kb / 1P
T-Bar Stem Thermometer
EA15 EXTECH-EA15 Datasheet
303Kb / 8P
Thermocouple Datalogging Thermometer
logo
Fuji Electric
EDS2-9B FUJI-EDS2-9B Datasheet
75Kb / 4P
SHEATH TYPE THERMOCOUPLE
logo
List of Unclassifed Man...
DM-301 ETC2-DM-301 Datasheet
3Mb / 16P
THERMOCOUPLE & RESISTANCE THERMOMETER SENSORS & PROBES
205-TC ETC2-205-TC Datasheet
907Kb / 22P
THERMOCOUPLE MINIATURE PANEL THERMOMETER
logo
Analog Devices
AD7821 AD-AD7821_17 Datasheet
330Kb / 17P
8-Bit ADC with Track/Hold Function
23-Feb-2017
AD7820 AD-AD7820_17 Datasheet
644Kb / 13P
8-Bit ADC with Track/Hold Function
23-Feb-2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com