Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP05 Datasheet(PDF) 3 Page - TM Electronics Inc

Part # TP05
Description  TYPE T LEGIONELLA TEMPERATURE KIT WITH THERMOMETER, STANDARD PROBES AND ACCESSORIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TM [TM Electronics Inc]
Direct Link  
Logo TM - TM Electronics Inc

TP05 Datasheet(HTML) 3 Page - TM Electronics Inc

  TP05 Datasheet HTML 1Page - TM Electronics Inc TP05 Datasheet HTML 2Page - TM Electronics Inc TP05 Datasheet HTML 3Page - TM Electronics Inc TP05 Datasheet HTML 4Page - TM Electronics Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TIME RESPONSE
(96%of value in water)
: 2.0 Secs
MEASUREMENT RANGE
: -200 TO 400 °C
TA01 FINE WIRE (PTFE) THERMOCOUPLE SENSOR
This sensor is constructed using a 1M length PTFE wire constructed as a twisted pair. The wire
used is ½ Class 1 Type T alloys (Cu / Co). A weld bead is manufactured at one end of the wire
whilst the other end is terminated in a moulded miniature thermocouple plug.
WIDE AMBIENT TEMPERATURE SPECIFICATION
: -50 TO 50 °C
TIME RESPONSE
(96% of value in moving gas)
: 0.1 Secs
MEASUREMENT RANGE
: -100 TO 250 °C
Accessories
TAPS – THERMOCOUPLE ATTACHMENT PADS
TAPS are designed for use in attaching small diameter thermocouples, such as the TME Fine Wire
Probes, to surfaces or pipes in hard to reach areas. Each kit contains a book of 20 Pads.
The pads are manufactured from 0.120mm standard grade PTFE impregnated fibreglass with
0.050mm of high temperature silicone pressure sensitive adhesive. This product is almost
chemically inert. Only molten alkali metals and fluorine under elevated temperatures and
pressure will attack the PTFE surface. The fibreglass provides dimensional stability and restricts
PTFE cold flow. The PTFE provides a non-stick / quick release surface in heat-sealing machines,
plastic bag manufacturing and roll-can covering.
Adhesion
(oz/in width)
45
Break strength
(lbs/in width)
120
Elongation
(%)
<5
Backing thickness
(mm)
0.120
Adhesive thickness
(mm)
0.050
Temperature range
(C)
-75 to +260
TAP Measurements approx.
17mm x 12mm (each)
Operating Temperature Range
-75 to +260°C
TEMPRB
Temperature log book for temperature record keeping. Eight page log book suitable for all
temperature recording, and especially HACCP critical temperature record-keeping.
LEGC01 Case
The case measures: 34cm x 26cm x 6.5cm (approximate external)
Holds up to:
•
1 x Handheld Thermometer
•
2 x Straight Handled Temperature Probes
•
Fine Wire Probes
•
1 x spare battery



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com