Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2T5-12 Datasheet(PDF) 1 Page - STMicroelectronics

Part # GS2T5-12
Description  2 WDC-DC CONVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS2T5-12 Datasheet(HTML) 1 Page - STMicroelectronics

  GS2T5-12 Datasheet HTML 1Page - STMicroelectronics GS2T5-12 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GS2T5-12
2 W DC-DC CONVERTER
December 1993
1/2
Type
Vin
Vout
Iout
GS2T5-12
5 V
12 V
200 mA
DESCRIPTION
The GS2T5-12 is a 2.4W DC-DC converter de-
signed to provide an isolated 12V/200mA power
source.
The module operates from a 5V input source and
features continuous short-circuit protection.
An input filter minimizes the reflected input current.
ELECTRICAL CHARACTERISTICS (Tamb.=25
° C unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Vi
Input Voltage
Vo= 12V
Io= 0 to 200mA
4.5
5
5.5
V
Iir
Input Reflected
Current
Vi=5V
Vo = 12V
Io = 200mA
20
30
mApp
Vo
Output Voltage
Vi= 4.5 to 5.5V
Io= 0 to 200mA
11.4
12.0
12.6
V
Vor
Output Ripple
Voltage
Vi=5V
Io = 200mA
5
10
mVrms
δVo
Line Regulation
Vi = 4.5 to 5.5
Io = 200mA
10
mV
δVo
Load Regulation
Vi =5V
Io = 50 to 200mA
10
mV
Io
Output Current
Vi = 4.5 to 5.5V
Vo = 12V
50
200
mA
Vis
Isolation Voltage
2500
Vdc
η
Efficiency
Vi=5V
Io = 200mA
65
70
%
Top
Operating Ambient
Temperature Range
0
+60
°C
Tstg
Storage Temperature
Range
-40
+85
°C


Similar Part No. - GS2T5-12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS2T5-5 STMICROELECTRONICS-GS2T5-5 Datasheet
83Kb / 2P
2 W DC-DC CONVERTER
Jun-1994
GS2T5-5D15 STMICROELECTRONICS-GS2T5-5D15 Datasheet
33Kb / 2P
2 W TRIPLE OUTPUT DC-DC CONVERTER
Dec-1993
GS2T5-9 STMICROELECTRONICS-GS2T5-9 Datasheet
170Kb / 2P
2 W LAN DC-DC CONVERTER
Dec-1993
GS2T5-D12 STMICROELECTRONICS-GS2T5-D12 Datasheet
32Kb / 2P
2W DUAL OUTPUT DC-DC CONVERTER
Dec-1993
GS2T5-D5 STMICROELECTRONICS-GS2T5-D5 Datasheet
114Kb / 2P
2W DUAL OUTPUT DC-DC CONVERTER
Dec-1993
More results

Similar Description - GS2T5-12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS24T48-12 STMICROELECTRONICS-GS24T48-12 Datasheet
42Kb / 2P
24 WDC-DC CONVERTER
Dec-1993
GS30T48-5 STMICROELECTRONICS-GS30T48-5 Datasheet
42Kb / 2P
30 WDC-DC CONVERTER
Dec-1993
GS2T5-5 STMICROELECTRONICS-GS2T5-5 Datasheet
83Kb / 2P
2 W DC-DC CONVERTER
Jun-1994
logo
AIMTEC
AM2D-RZ AIMTEC-AM2D-RZ Datasheet
263Kb / 5P
2 Watt | DC-DC Converter
AM2G-Z AIMTEC-AM2G-Z Datasheet
613Kb / 7P
2 Watt | DC-DC Converter
AM2LP-NZ AIMTEC-AM2LP-NZ Datasheet
103Kb / 3P
2 Watt | DC-DC Converter
AM2N-NZ AIMTEC-AM2N-NZ Datasheet
235Kb / 3P
2 Watt | DC-DC Converter
AM2GH-Z AIMTEC-AM2GH-Z_13 Datasheet
629Kb / 4P
2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_13 Datasheet
252Kb / 4P
2 Watt | DC-DC Converter
AM2LP-NZ AIMTEC-AM2LP-NZ_13 Datasheet
241Kb / 3P
2 Watt | DC-DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com