Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LE01G-RILA3-TR Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS25LE01G-RILA3-TR
Description  SERIAL FLASH MEMORY 133/104MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LE01G-RILA3-TR Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS25LE01G-RILA3-TR Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS25LE01G-RILA3-TR Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25LE01G-RILA3-TR Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25LE01G-RILA3-TR Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25LE01G-RILA3-TR Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25LE01G-RILA3-TR Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25LE01G-RILA3-TR Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25LE01G-RILA3-TR Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS25LE01G-RILA3-TR Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 186 page
background image
IS25LE01G
IS25WE01G
Integrated Silicon Solution, Inc.- www.issi.com
6
Rev. A6
01/14/2025
8.46 READ BANK ADDRESS REGISTER OPERATION (RDBR: 16h/C8h) .............................................144
8.47 WRITE BANK ADDRESS REGISTER OPERATION (WRBRNV: 18h, WRBRV: 17h/C5h) ..............145
8.48 ENTER 4-BYTE ADDRESS MODE OPERATION (EN4B, B7h) ........................................................146
8.49 EXIT 4-BYTE ADDRESS MODE OPERATION (EX4B, 29h) .............................................................147
8.50 READ DYB OPERATION (RDDYB, FAh or 4RDDYB, E0h) ..............................................................148
8.51 WRITE DYB OPERATION (WRDYB, FBh or 4WRDYB, E1h) ...........................................................150
8.52 READ PPB OPERATION (RDPPB, FCh or 4RDPPB, E2h) ..............................................................152
8.53 PROGRAM PPB OPERATION (PGPPB, FDh or 4PGPPB, E3h) ......................................................153
8.54 ERASE PPB OPERATION (ERPPB, E4h) .........................................................................................155
8.55 READ ASP OPERATION (RDASP, 2Bh) ...........................................................................................156
8.56 PROGRAM ASP OPERATION (PGASP, 2Fh)...................................................................................157
8.57 READ PPB LOCK BIT OPERATION (RDPLB, A7h) ..........................................................................158
8.58 WRITE PPB LOCK BIT OPERATION (WRPLB, A6h)........................................................................159
8.59 SET FREEZE BIT OPERATION (SFRZ, 91h) ....................................................................................160
8.60 READ PASSWORD OPERATION (RDPWD, E7h) ............................................................................161
8.61 PROGRAM PASSWORD OPERATION (PGPWD, E8h) ...................................................................162
8.62 UNLOCK PASSWORD OPERATION (UNPWD, E9h) .......................................................................163
8.63 GANG SECTOR/BLOCK LOCK OPERATION (GBLK, 7Eh) .............................................................164
8.64 GANG SECTOR/BLOCK UNLOCK OPERATION (GBUN, 98h)........................................................165
8.65 DATA LEARNING PATTERN (DLP)...................................................................................................166
8.66 PROGRAM NVDLR OPERATION (PNVDLR, 43h)............................................................................169
8.67 WRITE VDLR OPERATION (WRVDLR, 4Ah) ....................................................................................170
8.68 READ DLP OPERATION (RDDLP, 41h) ............................................................................................171
8.69 WRITE ECC REGISTER OPERATION (WRECC, B5h) ....................................................................172
8.70 READ ECC REGISTER OPERATION (RDECC, B3h).......................................................................173
8.71 CLEAR ECC REGISTER OPERATION (CLECC, B6h) .....................................................................174
9.
ELECTRICAL CHARACTERISTICS...........................................................................................................175
9.1 ABSOLUTE MAXIMUM RATINGS (1) ...................................................................................................175
9.2 OPERATING RANGE ...........................................................................................................................175
9.3 DC CHARACTERISTICS......................................................................................................................176
9.4 AC MEASUREMENT CONDITIONS ....................................................................................................177
9.5 Pin CAPACITANCE ..............................................................................................................................177
9.6 AC CHARACTERISTICS ......................................................................................................................178
9.7 SERIAL INPUT/OUTPUT TIMING........................................................................................................180
9.8 POWER-UP AND POWER-DOWN ......................................................................................................182
9.9 PROGRAM/ERASE PERFORMANCE .................................................................................................183
9.10 RELIABILITY CHARACTERISTICS ...................................................................................................183
9.11 DATA RETENTION CHARACTERISTICS .........................................................................................183
10.
PACKAGE TYPE INFORMATION.........................................................................................................184
10.1 24-BALL THIN PROFILE FINE PITCH BGA 6x8x1.40mm 5x5 BALL ARRAY (I) ..............................184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com