Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2T5-5D15 Datasheet(PDF) 1 Page - STMicroelectronics

Part # GS2T5-5D15
Description  2 W TRIPLE OUTPUT DC-DC CONVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS2T5-5D15 Datasheet(HTML) 1 Page - STMicroelectronics

  GS2T5-5D15 Datasheet HTML 1Page - STMicroelectronics GS2T5-5D15 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GS2T5-5D15
2 W TRIPLE OUTPUT DC-DC CONVERTER
December 1993
1/2
Type
Vin
Vout
Iout
GS2T5-5D15
5 V
+ 5 V
+ 50 mA
+15 V
+70 mA
-15 V
- 70 mA
DESCRIPTION
The GS2T5-5D15 is a 2.3W DC-DC converter de-
signed to provide an isolated 5V/50mA, +15V/70mA
and -15V/70mA power source.
The module operates from a 5V input source and
offers 2500Vdc isolation.
ELECTRICAL CHARACTERISTICS (Tamb.=25
° C unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Vi
Input Voltage
Vo1= +5V
Io1= 3 to 50mA
Vo2 = +15V
Io2 = 5 to 70mA
Vo3 = -15V
Io2 = -5 to -70mA
4.7
5.0
5.3
V
Iir
Input Reflected
Current
Vi= 4.7 to 5.3V
Full Load
150
mApp
Vo1
Output Voltage 1
Vi= 4.7 to 5.3V
Io1= 3 to 50mA
4.75
5.00
5.25
V
Vo2
Output Voltage 2
Vi = 4.7 to 5.3V
Io2 = 5 to 70mA
14.25
15.00
15.75
V
Vo3
Output Voltage 3
Vi = 4.7 to 5.3V
Io3 = -5 to -70mA
-14.25 -15.00 -15.75
V
Vor1
Output Ripple Voltage 1
Vi = 4.7 to 5.3V
Io1 = 50mA
50
mVpp
Vor2
Output Ripple Voltage 2
Vi = 4.7 to 5.3V
Io2 = 70mA
100
mVpp
Vor3
Output Ripple Voltage 3
Vi = 4.7 to 5.3V
Io3 = -70mA
100
mVpp
Io1
Output Current 1
Vi = 4.7 to 5.3V
Vo1 =5V
350
mA
Io2
Output Current 2
Vi = 4.7 to 5.3V
Vo2 = +15V
570
mA
Io3
Output Current 3
Vi = 4.7 to 5.3V
Vo3 = -15V
-5
-70
mA
Vis
Isolation Voltage
2500
Vdc
fs
Switching
Frequency
Vi = 5V
Full Load
50
kHz
η
Efficiency
Vi=5V
Full Load
70
75
%
Top
Operating
Temperature Range
0
+70
°C
Tstg
Storage Temperature
Range
-40
+85
°C


Similar Part No. - GS2T5-5D15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS2T5-5 STMICROELECTRONICS-GS2T5-5 Datasheet
83Kb / 2P
2 W DC-DC CONVERTER
Jun-1994
More results

Similar Description - GS2T5-5D15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS1T5-5D15 STMICROELECTRONICS-GS1T5-5D15 Datasheet
39Kb / 2P
1 W TRIPLE OUTPUT DC-DC CONVERTER
Jun-1994
GS5T24-5D15 STMICROELECTRONICS-GS5T24-5D15 Datasheet
41Kb / 2P
5W TRIPLE OUTPUT DC-DC CONVERTER
Jun-1994
logo
List of Unclassifed Man...
FDD12-512T4 ETC-FDD12-512T4 Datasheet
142Kb / 3P
DC-DC CONVERTER 12W TRIPLE OUTPUT
logo
STMicroelectronics
GS2T5-5 STMICROELECTRONICS-GS2T5-5 Datasheet
83Kb / 2P
2 W DC-DC CONVERTER
Jun-1994
logo
Mean Well Enterprises C...
TKA30 MEANWELL-TKA30 Datasheet
200Kb / 1P
25W DC-DC Triple Output Converter
TKA30 MEANWELL-TKA30_11 Datasheet
202Kb / 1P
25W DC-DC Triple Output Converter
logo
Texas Instruments
PT4833A TI1-PT4833A Datasheet
760Kb / 33P
35-W Triple Output Isolated DC/DC Converter
PT4827A TI-PT4827A Datasheet
766Kb / 34P
35-W Triple Output Isolated DC/DC
logo
PEAK electronics GmbH
PPM05-A-0505DLF PEAK-PPM05-A-0505DLF Datasheet
83Kb / 3P
5- 20 W AC/DC CONVERTER TRIPLE OUTPUT
logo
MORNSUN Science& Techno...
JY240816D-30W MORNSUN-JY240816D-30W Datasheet
225Kb / 2P
UNREGULATED,TRIPLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com