Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001 Datasheet(PDF) 12 Page - Texas Instruments

Part # XIO2001
Description  XIO2001 PCI Express to PCI Bus Translation Bridge
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XIO2001 Datasheet(HTML) 12 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 8Page - Texas Instruments XIO2001 Datasheet HTML 9Page - Texas Instruments XIO2001 Datasheet HTML 10Page - Texas Instruments XIO2001 Datasheet HTML 11Page - Texas Instruments XIO2001 Datasheet HTML 12Page - Texas Instruments XIO2001 Datasheet HTML 13Page - Texas Instruments XIO2001 Datasheet HTML 14Page - Texas Instruments XIO2001 Datasheet HTML 15Page - Texas Instruments XIO2001 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 145 page
background image
Pin Functions (continued)
SIGNAL
ZWS
BALL
NO.
ZAJ
BALL NO.
PNP
PIN NO.
I/O
TYPE
CELL
TYPE
CLAMP
RAIL
EXTERNAL
PARTS
DESCRIPTION
M66EN
L06
M06
45
I
PCI Bus
PCIR
Pullup
resistor per
PCI spec
66-MHz mode enable
0 = Secondary PCI bus and clock outputs operate
at 33 MHz. If PCLK66_SEL is low then the
frequency will be 25 MHz.
1 = Secondary PCI bus and clock outputs operate
at 66 MHz. If PCLK66_SEL is low then the
frequency will be 50 MHz.
PAR
F01
G01
15
I/O
PCI Bus
PCIR
–
PCI bus parity
PERR
G02
G03
17
I/O
PCI Bus
PCIR
Pullup
resistor per
PCI spec
PCI parity error
PME
L12
M12
67
I
LV
CMOS
VDD_33_
COMBIO
Pullup
resistor per
PCI spec
Pullup resistor per PCI spec PCI power
management event. This terminal may be used to
detect PME events from a PCI device on the
secondary bus.
Note: The PME input buffer has hysteresis.
REQ5
REQ4
REQ3
REQ2
REQ1
REQ0
A12
C09
C08
A08
A06
A04
C09
A09
C08
C07
C06
A04
102
105
108
110
116
119
I
PCI Bus
PCIR
If unused, a
weak pullup
resistor per
PCI spec
PCI request inputs. These signals are used for
arbitration on the secondary PCI bus when an
external arbiter is not used. REQ0 is used as the
GNT for the bridge when an external arbiter is
used.
PRST
N07
L07
51
O
PCI Bus
PCIR
–
PCI reset. This terminal is an output to the
secondary PCI bus.
SERR
G03
G02
16
I/O
PCI Bus
PCIR
Pullup
resistor per
PCI spec
PCI system error
STOP
G01
H01
18
I/O
PCI Bus
PCIR
Pullup
resistor per
PCI spec
PCI stop
TRDY
H01
J02
22
I/O
PCI Bus
PCIR
Pullup
resistor per
PCI spec
PCI target ready
JTAG
JTAG_TCK
M12
N12
65
I
LV
CMOS
VDD_33
Optional
pullup
resistor
JTAG test clock input. This signal provides the
clock for the internal TAP controller.
Note: This terminal has an internal active pullup
resistor. The pullup is active at all times.
Note: This terminal should be tied to ground or
pulled low if JTAG is not required.
JTAG_TDI
N12
L10
63
I
LV
CMOS
VDD_33
Optional
pullup
resistor
JTAG test data input. Serial test instructions and
data are received on this terminal.
Note: This terminal has an internal active pullup
resistor. The pullup is active at all times.
Note: This terminal can be left unconnected if
JTAG is not required.
JTAG_TDO
M11
N11
61
O
LV
CMOS
VDD_33
–
JTAG test data output. This terminal the serial
output for test instructions and data.
Note: This terminal can be left unconnected if
JTAG is not required.
JTAG_TMS
L10
L11
64
I
LV
CMOS
VDD_33
Optional
pullup
resistor
JTAG test mode select. The signal received at
JTAG_TMS is decoded by the internal TAP
controller to control test operations.
Note: This terminal has an internal active pullup
resistor. The pullup is active at all times.
Note: This terminal can be left unconnected if
JTAG is not required.
JTAG_TRST
L09
L09
60
I
LV
CMOS
VDD_33
Optional
pullup
resistor
JTAG test reset. This terminal provides Optional
for asynchronous initialization of the TAP
controller.
Note: This terminal has an internal active pullup
resistor. The pullup is active at all times.
Note: This terminal should be tied to ground or
pulled low if JTAG is not required.
XIO2001
SCPS212J – MAY 2009 – REVISED JANUARY 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com