Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LE01G-RILA3 Datasheet(PDF) 14 Page - Integrated Silicon Solution, Inc

Part # IS25LE01G-RILA3
Description  SERIAL FLASH MEMORY 133/104MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LE01G-RILA3 Datasheet(HTML) 14 Page - Integrated Silicon Solution, Inc

Back Button IS25LE01G-RILA3 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS25LE01G-RILA3 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS25LE01G-RILA3 Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS25LE01G-RILA3 Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS25LE01G-RILA3 Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS25LE01G-RILA3 Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS25LE01G-RILA3 Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS25LE01G-RILA3 Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS25LE01G-RILA3 Datasheet HTML 18Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 186 page
background image
IS25LE01G
IS25WE01G
Integrated Silicon Solution, Inc.- www.issi.com
14
Rev. A6
01/14/2025
5. SYSTEM CONFIGURATION
The memory array is divided into uniform 4 Kbyte sectors or uniform 32/64 Kbyte blocks (a block consists of
eight/sixteen adjacent sectors respectively).
Also optional uniform 32/256 Kbyte blocks are available with 512B page size. See ordering table for more detail
information.
Table 5.1 illustrates the memory map of the device. The Status Register controls how the memory is protected.
5.1 BLOCK/SECTOR ADDRESSES
Table 5.1 Block/Sector Addresses (Block Size = 32KB/64KB/256KB)
Memory
Density
Block No
(256KB)(1)
Block No.
(64KB)
Block No.
(32KB)
Sector No.
Sector
Size
(Kbyte)
Address Range
Block 0
Block 0
Block 0
Sector 0
4
0000 0000h
– 0000 0FFFh
:
:
:
Block 1
:
:
:
Sector 15
4
0000 F000h
– 0000 FFFFh
Block 1
Block 2
Sector 16
4
0001 0000h
– 0001 0FFFh
:
:
:
Block 3
:
:
:
Sector 31
4
0001 F000h
– 0001 FFFFh
Block 2
Block 4
Sector 32
4
0002 0000h
– 0002 0FFFh
:
:
:
Block 5
:
:
:
Sector 47
4
0002 F000h
– 0002 FFFFh
Block 3
Block 6
Sector 48
0003 0000h
– 0003 0FFFh
:
:
Block 7
:
:
Sector 63
0003 F000h
– 0003 FFFFh
:
:
:
:
:
:
:
:
:
:
:
:
Block 1023
Block 2046
Sector 16368
4
03FF 0000h
– 03FF 0FFFh
:
:
:
:
Block 2047
:
:
:
Sector 16383
4
03FF F000h
– 03FF
FFFFh
:
:
:
:
:
:
:
:
:
:
:
Block 511
Block 2044
Block 4088
Sector 32704
4
07FB 0000h
– 07FB
0FFFh
:
:
:
Block 4089
:
:
:
Sector 32719
4
07FB F000h
– 07FB
FFFFh
:
:
:
:
:
:
:
:
:
:
Block 2047
Block 4094
Sector 32752
4
07FF 0000h
– 07FF 0FFFh
:
:
:
Block 4095
:
:
:
Sector 32767
4
07FF F000h
– 07FF
FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com