Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLP82 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CLP82
Description  LAN Transformer< SMD Type: CLP Series>
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CLP82 Datasheet(HTML) 2 Page - Sumida Corporation

  CLP82 Datasheet HTML 1Page - Sumida Corporation CLP82 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LAN Transformer< SMD Type: CLP Series>
Type: CLP42B, CLP82
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
◆
Land Pattern (mm)
◆
Schematics(Bottom)
◆
Specification
Part No.
Stamp
Inductance
(μH) REF.]
(100kHz)
(1-3)
Leakage Inductance
(μH)[REF.]
(100kHz)
(4-6)Shorted
D.C.R.
(mΩ) [REF.]
(at 20℃)
LINE
CAPACITY
(pF)[Max.]
ET-Product
[
Min.]
(μsec・V)
CLP42B-500
500
50
0.22
186
6.0
0.8
CLP42B-750
750
75
0.27
210
8.0
1.0
CLP42B-101
101
100
0.20
224
9.0
1.1
CLP42B-151
151
150
0.19
240
10.0
1.3
CLP42B-201
201
200
0.18
260
10.0
1.5
CLP82-401
401
400
2.5
700
10.0
1.2
5.5
10.2
2
3
1
5
4
6
MARK“ ”IS POLARITY
CLP42B
CLP82
⑥
④
⑤
③
②
①
⑦
⑨
⑪
⑩
⑫
⑧
·
Marking of polarity.
RX
TX
1CT:1CT
1CT:1CT
CLP42B
CLP82



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com