Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPST2H100 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STPST2H100
Description  100 V - 2 A power Schottky trench rectifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPST2H100 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STPST2H100 Datasheet HTML 6Page - STMicroelectronics STPST2H100 Datasheet HTML 7Page - STMicroelectronics STPST2H100 Datasheet HTML 8Page - STMicroelectronics STPST2H100 Datasheet HTML 9Page - STMicroelectronics STPST2H100 Datasheet HTML 10Page - STMicroelectronics STPST2H100 Datasheet HTML 11Page - STMicroelectronics STPST2H100 Datasheet HTML 12Page - STMicroelectronics STPST2H100 Datasheet HTML 13Page - STMicroelectronics STPST2H100 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
3
Ordering information
Table 7. Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
STPST2H100ZF
T02
SOD123 Flat
12.5 mg
3000
Tape and reel
STPST2H100AF
T2H1
SOD128 Flat
26.4 mg
3000
STPST2H100UF
T2H1
SMB Flat
50.0 mg
5000
STPST2H100
Ordering information
DS14190 - Rev 3
page 12/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com