Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPST5H100SF Datasheet(PDF) 12 Page - STMicroelectronics

Part # STPST5H100SF
Description  100 V - 5 A power Schottky trench rectifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPST5H100SF Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STPST5H100SF Datasheet HTML 6Page - STMicroelectronics STPST5H100SF Datasheet HTML 7Page - STMicroelectronics STPST5H100SF Datasheet HTML 8Page - STMicroelectronics STPST5H100SF Datasheet HTML 9Page - STMicroelectronics STPST5H100SF Datasheet HTML 10Page - STMicroelectronics STPST5H100SF Datasheet HTML 11Page - STMicroelectronics STPST5H100SF Datasheet HTML 12Page - STMicroelectronics STPST5H100SF Datasheet HTML 13Page - STMicroelectronics STPST5H100SF Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
3
Ordering information
Table 7. Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
STPST5H100AF
T5H1
SOD128Flat
26.4 mg
3000
Tape and reel
STPST5H100UF
SMB Flat
50.0 mg
5000
STPST5H100SF
PSMC (TO-277A)
90.0 mg
6000
STPST5H100
Ordering information
DS14182 - Rev 3
page 12/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com