Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LACC-1741-R18J-B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LACC-1741-R18J-B
Description  Axial Conformal Coated Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LACC-1741-R18J-B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LACC-1741-R18J-B Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions
Part Numbering Guide
Dimensions
Packaging Style
A, B, (inch conversion)
B=Bulk
T=Tape & Reel
Inductance Code
F=Flat Pack
Tolerance
J=5%, K=10%, M=20%
LACC - 1741 - R10 K - T
Axial Conformal Coated Inductor
(LACC-1741 Series)
Features
Inductance Range
0.1 µH to 1000 µH
Tolerance
5%, 10%, 20%
Operating Temperature
-20°C to +80°C
Construction
Conformal Coated
Dielectric Strength
250 Volts RMS
Dimensions in mm
Specifications subject to change without notice.
Rev. 10/00
(Not to scale)
64.0 ± 2.0
10.5 max
0.65 ± 0.05 dia
4.2 max
(B)
(A)
Electrical Specifications
L
Code
L
(µH)
Q
Min
Test
Freq
(MHz)
SRF
Min
(MHz)
RDC
Max
(Ohms)
IDC
Max
(mA)
L
Code
L
(uH)
Q
Min
Test
Freq
(MHz)
SRF
Min
(MHz)
RDC
Max
(Ohms)
IDC
Max
(mA)
R10
0.10
45
25.2
300
0.10
1400
120
12.0
50
2.52
19
0.63
480
R12
0.12
45
25.2
300
0.10
1400
150
15.0
50
2.52
17
0.72
460
R15
0.15
45
25.2
300
0.10
1400
180
18.0
50
2.52
13
0.77
430
R18
0.18
45
25.2
300
0.10
1400
220
22.0
55
2.52
9.6
0.84
410
R22
0.22
45
25.2
300
0.10
1400
270
27.0
55
2.52
7.2
0.94
390
R27
0.27
45
25.2
270
0.11
1320
330
33.0
55
2.52
6.3
1.03
370
R33
0.33
45
25.2
250
0.12
1280
390
39.0
50
2.52
6.3
1.12
350
R39
0.39
45
25.2
230
0.13
1200
470
47.0
45
2.52
6.3
1.22
340
R47
0.47
45
25.2
220
0.14
1150
560
56.0
40
2.52
6.2
7.34
320
R56
0.56
45
25.2
200
0.15
1100
680
68.0
40
2.52
5.7
1.47
305
R68
0.68
45
25.2
190
0.16
1030
820
82.0
35
2.52
5.3
1.62
290
R82
0.82
45
25.2
172
0.17
980
101
100
30
2.52
4.8
1.80
275
1R0
1.00
45
7.96
157
0.19
920
121
120
55
0.796
3.8
3.70
185
1R2
1.20
50
7.96
144
0.21
880
151
150
45
0.796
3.5
4.20
175
1R5
1.50
50
7.96
131
0.23
830
181
180
50
0.796
3.3
4.60
165
1R8
1.80
50
7.96
121
0.25
790
221
220
55
0.796
3.0
5.10
155
2R2
2.20
50
7.96
110
0.28
750
271
270
65
0.796
2.8
5.80
145
2R7
2.70
60
7.96
100
0.30
720
331
330
65
0.796
2.6
6.40
137
3R3
3.30
65
7.96
94
0.34
670
391
390
65
0.796
2.4
7.00
133
3R9
3.90
65
7.96
65
0.37
640
471
470
60
0.796
2.25
7.70
126
4R7
4.70
70
7.96
56
0.39
620
561
560
60
0.796
2.1
8.50
120
5R6
5.60
70
7.96
48
0.43
590
681
680
55
0.796
1.95
9.40
113
6R8
6.80
75
7.96
37
0.48
550
821
820
55
0.796
1.85
10.5
105
8R2
8.20
80
7.96
25
0.52
530
102
1000
50
0.796
1.4
14.0
100
100
10.0
65
7.96
21
0.58
500
TEL 949-366-8700
FAX 949-366-8707
WEB www.caliberelectronics.com
CAL I B E R
ELE C T R O N I C S
I N C .
specifications subject to change * revision 3-2003


Similar Part No. - LACC-1741-R18J-B

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
LACC-1741-R18J-B CALIBER-LACC-1741-R18J-B Datasheet
30Kb / 1P
Axial Conformal Coated Inductor
More results

Similar Description - LACC-1741-R18J-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LACC-1128 ETC2-LACC-1128 Datasheet
29Kb / 1P
Axial Conformal Coated Inductor
logo
Central Technologies
CTC0F CT-CTC0F Datasheet
156Kb / 1P
Conformal Coated Inductors - Axial
CTC1F CT-CTC1F Datasheet
156Kb / 1P
Conformal Coated Inductors - Axial
CTC2F CT-CTC2F Datasheet
157Kb / 1P
Conformal Coated Inductors - Axial
CTC3F CT-CTC3F Datasheet
156Kb / 1P
Conformal Coated Inductors - Axial
logo
Caliber Electronics Inc...
LACC-1128 CALIBER-LACC-1128 Datasheet
30Kb / 1P
Axial Conformal Coated Inductor
LACC-1741 CALIBER-LACC-1741 Datasheet
30Kb / 1P
Axial Conformal Coated Inductor
logo
Central Technologies
CTC5F CT-CTC5F Datasheet
213Kb / 1P
Conformal Coated Inductors - Axial
logo
Abracon Corporation
AICC-02 ABRACON-AICC-02 Datasheet
2Mb / 3P
Conformal Coated Axial Inductor
09.04.12
AICC-03 ABRACON-AICC-03 Datasheet
2Mb / 3P
Conformal Coated Axial Inductor
09.04.12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com