Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM60-52B1-G1-R850 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # MM60-52B1-G1-R850
Description  Compatible with automatic mounting, PCI Express Mini Card compatible connector, 52, Connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

MM60-52B1-G1-R850 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  MM60-52B1-G1-R850 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. MM60-52B1-G1-R850 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MM60-52B1-G1-R850
Features
Compatible with automatic mounting, PCI Express Mini Card compatible connector, 52, Connector
Part Number
MM60-52B1-G1-R850
Status
Active
Number of Positions
52 pos.
Connector Type
Connector
Connector Style
Right angle
Termination Style
Soldering (SMT)
Material of Contact
Copper alloy
Contact Finish
Contact area: Gold plating over Nickel, Terminal area: Gold flash plating over
Nickel
Material of Insulator
Heat resistant material (UL94V-0)
Mounted Height (mm)
4.0
Key Position
  
With Polarizing Boss
TRUE
Combination
MM60-EZH039-B5-R850,NT1
RoHS compliant
10 substances (2011/65/EU, (EU)2015/863)
REACH compliant
247 substances (21/01/2025)
Product Details


Similar Part No. - MM60-52B1-G1-R850

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
MM60-52B1-B1 JAE-MM60-52B1-B1 Datasheet
460Kb / 6P
Compatible with PCI Express Mini Card
MM60-52B1-B1-R850 JAE-MM60-52B1-B1-R850 Datasheet
150Kb / 2P
Compatible with automatic mounting, PCI Express Mini Card compatible connector, 52, Connector
MM60-52B1-B1R50 JAE-MM60-52B1-B1R50 Datasheet
5Mb / 7P
0.8mm (.031") Contact Spacing, Compatible to PCI Express Mini Card
MM60-52B1-B1R850 JAE-MM60-52B1-B1R850 Datasheet
5Mb / 7P
0.8mm (.031") Contact Spacing, Compatible to PCI Express Mini Card
MM60-52B1-E1 JAE-MM60-52B1-E1 Datasheet
244Kb / 1P
TOP SIDE CONTACT COPPER ALLOY
More results

Similar Description - MM60-52B1-G1-R850

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
PCIE-36-1 ADAM-TECH-PCIE-36-1 Datasheet
183Kb / 2P
PCI & MINI PCI EXPRESS 1.00mm & 0.8mm CARD EDGE CONNECTOR
logo
List of Unclassifed Man...
WD2F144WB1 ETC2-WD2F144WB1 Datasheet
799Kb / 6P
Docking Connector Compatible with PCI Express
logo
Japan Aviation Electron...
MM60 JAE-MM60 Datasheet
460Kb / 6P
Compatible with PCI Express Mini Card
MM60-52B1-B1R850 JAE-MM60-52B1-B1R850 Datasheet
5Mb / 7P
0.8mm (.031") Contact Spacing, Compatible to PCI Express Mini Card
NT4R1600 JAE-NT4R1600 Datasheet
579Kb / 10P
Compatible With PCI Express Mini Card
logo
Adam Technologies, Inc.
MIN-PCI ADAM-TECH-MIN-PCI Datasheet
91Kb / 1P
MINI PCI EXPRESS CONNECTOR
MPE-52-R-SMT-XX ADAM-TECH-MPE-52-R-SMT-XX Datasheet
105Kb / 1P
MINI PCI EXPRESS CONNECTOR
MPE-52-R-SMT-XX-TR ADAM-TECH-MPE-52-R-SMT-XX-TR Datasheet
110Kb / 1P
MINI PCI EXPRESS CONNECTOR
logo
Micrel Semiconductor
PL602031UMG MICREL-PL602031UMG Datasheet
394Kb / 9P
HCSL-Compatible Clock Generator for PCI Express
PL602-2XSC MICREL-PL602-2XSC Datasheet
345Kb / 6P
HCSL Compatible Clock Generator for PCI Express
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com