Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

394-2AB Datasheet(PDF) 5 Page - Wakefield Thermal, Inc.

Part # 394-2AB
Description  Extruded Heat Sinks
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAKEFIELDTHERMAL [Wakefield Thermal, Inc.]
Direct Link  https://wakefieldthermal.com/
Logo WAKEFIELDTHERMAL - Wakefield Thermal, Inc.

394-2AB Datasheet(HTML) 5 Page - Wakefield Thermal, Inc.

  394-2AB Datasheet HTML 1Page - Wakefield Thermal, Inc. 394-2AB Datasheet HTML 2Page - Wakefield Thermal, Inc. 394-2AB Datasheet HTML 3Page - Wakefield Thermal, Inc. 394-2AB Datasheet HTML 4Page - Wakefield Thermal, Inc. 394-2AB Datasheet HTML 5Page - Wakefield Thermal, Inc. 394-2AB Datasheet HTML 6Page - Wakefield Thermal, Inc. 394-2AB Datasheet HTML 7Page - Wakefield Thermal, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Extruded
Heat Sinks
All other products, please contact factory for price, delivery, and minimums.
Normally stocked
54
EXTRUDED HEAT SINKS FOR POWER SEMICONDUCTORS
490 SERIES
King Size Heat Sinks for High-Power Rectifiers
The 490 Series can be used to mount a single high-power rectifier or a grouping of smaller
power devices. The semiconductor device mounting surface is free of anodize on the entire
surface on one side only; finish overall is black anodize. Use Type 109 mounting brackets
(see accessories section) for mounting to enclosure wall and for electrical isolation. The
anodize-free mounting surface is milled for maximum contact area. The 490 Series Can also
be drilled for mounting and cooling IGBTs and other isolated power modules. Material:
Aluminum Alloy, Black Anodized.
GENERAL PURPOSE
Nominal Dimensions
Standard
Width
Length “A”
Height
Semiconductor
Thermal Performance at Typical Load
Weight
P/N
in. (mm)
in. (mm)
in. (mm)
Mounting Hole Pattern
Natural Convection
Forced Convection
lbs. (grams)
490-35K
9.250 (235.0)
3.500 (88.9)
6.750 (171.5)
None
84° C @ 20OW
0.18° C/W @ 600 LFM
3.2400(1469.66)
490-6K
9.250 (235.0)
6.000 (152.4)
6.750 (171.5)
None
60° C @ 20OW
0.13° C/W @ 600 LFM
5.4700(2481.19)
490-12K
9.250 (235.0)
12.000 (304.8)
6.750 (171.5)
None
45° C @ 20OW
0.09° C/W @ 600 LFM
10.62
(4817.23)
MECHANICAL DIMENSIONS
490 SERIES
(EXTRUSION PROFILE 2131)
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
SEMICONDUCTOR
MOUNTING HOLE
Dimensions: in. (mm)
PERFORMANCE, LOW PROFILE HEAT SINKS FOR POWER MODULES & IGBT’S
394, 395, 396 SERIES
Thermal Resistance at Typical Load
Overall Dimensions: in. (mm)
Device Base
Natural
Forced
Standard
Length
Height
Width
Mounting Area
Base Mounting
Convection (Øsa)
(1)
Convection (Øsa)
P/N
in. (mm)
in. (mm)
in. (mm)
(mm)
Holes
(°C/W)
(°C/W @ 500 LFM)
394-1AB
3.000 (76.2)
1.500 (38.1)
5.000 (127.0)
101 x 76
4
1.85
0.90
394-2AB
5.500 (139.7)
1.500 (38.1)
5.000 (127.0)
101 x 139
6
1.51
0.60
395-1AB
3.000 (76.2)
2.500 (63.5)
5.000 (127.0)
50 x 76
4
1.10
0.50
395-2AB
5.500 (139.7)
2.500 (63.5)
5.000 (127.0)
50 x 139
6
0.90
0.32
396-1AB
3.000 (76.2)
1.380 (35.1)
5.000 (127.0)
50 x 76
4
1.85
1.07
396-2AB
5.500 (139.7)
1.380 (35.1)
5.000 (127.0)
50 x 139
6
1.51
0.64
Note: 1.Thermal resistance values shown are for black anodized finish at 50°C rise above ambient.
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
MECHANICAL DIMENSIONS
394 SERIES
(EXTRUSION PROFILE 7332)
395 SERIES
(EXTRUSION PROFILE 7330)
396 SERIES
(EXTRUSION PROFILE 7331)
Dimensions: in. (mm)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com