Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4011/2 Datasheet(PDF) 17 Page - Texas Instruments

Part # THS4011/2
Description  165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4011/2 Datasheet(HTML) 17 Page - Texas Instruments

Back Button THS4011/2 Datasheet HTML 13Page - Texas Instruments THS4011/2 Datasheet HTML 14Page - Texas Instruments THS4011/2 Datasheet HTML 15Page - Texas Instruments THS4011/2 Datasheet HTML 16Page - Texas Instruments THS4011/2 Datasheet HTML 17Page - Texas Instruments THS4011/2 Datasheet HTML 18Page - Texas Instruments THS4011/2 Datasheet HTML 19Page - Texas Instruments THS4011/2 Datasheet HTML 20Page - Texas Instruments THS4011/2 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
THS4041, THS4042
165MHz CSTABLE HIGHSPEED AMPLIFIERS
SLOS237B− MAY 1999 − REVISED FEBRUARY 2000
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
offset voltage
The output offset voltage, (VOO) is the sum of the input offset voltage (VIO) and both input bias currents (IIB) times
the corresponding gains. The following schematic and formula can be used to calculate the output offset
voltage:
V
OO +
V
IO
1
)
R
F
R
G
" I
IB
)
R
S
1
)
R
F
R
G
" I
IB–
R
F
+
−
VI
+
RG
RS
RF
IIB−
VO
IIB+
Figure 67. Output Offset Voltage Model
optimizing unity gain response
Internal frequency compensation of the THS404x was selected to provide very wideband performance yet still
maintain stability when operated in a noninverting unity gain configuration. When amplifiers are compensated
in this manner there is usually peaking in the closed loop response and some ringing in the step response for
very fast input edges, depending upon the application. This is because a minimum phase margin is maintained
for the G=+1 configuration. For optimum settling time and minimum ringing, a feedback resistor of 200
Ω should
be used as shown in Figure 68. Additional capacitance can also be used in parallel with the feedback resistance
if even finer optimization is required.
_
+
THS404x
200
Ω
Input
Output
Figure 68. Noninverting, Unity Gain Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com