Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL051ACD Datasheet(PDF) 21 Page - Texas Instruments

Part # TL051ACD
Description  ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL051ACD Datasheet(HTML) 21 Page - Texas Instruments

Back Button TL051ACD Datasheet HTML 17Page - Texas Instruments TL051ACD Datasheet HTML 18Page - Texas Instruments TL051ACD Datasheet HTML 19Page - Texas Instruments TL051ACD Datasheet HTML 20Page - Texas Instruments TL051ACD Datasheet HTML 21Page - Texas Instruments TL051ACD Datasheet HTML 22Page - Texas Instruments TL051ACD Datasheet HTML 23Page - Texas Instruments TL051ACD Datasheet HTML 24Page - Texas Instruments TL051ACD Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
TL05x, TL05xA
ENHANCED-JFET LOW-OFFSET
OPERATIONAL AMPLIFIERS
SLOS178A – FEBRUARY 1997 - REVISED FEBRUARY 2003
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 14
DISTRIBUTION OF TL054
INPUT OFFSET VOLTAGE
TEMPERATURE COEFFICIENT
–60
0
– Temperature Coefficient –
µV/°C
30
40
50
–40
–20
0
20
40
60
324 Amplifiers Tested From 3 Wafer Lots
VCC
± = ±15 V
TA = 25°C to 125°C
N Package
20
10
a
V
IO
Figure 15
–15
–10
VIC – Common-Mode Input Voltage – V
–5
0
5
10
–10
–50
5
10
15
TA = 25°C
VCC
± = ±15 V
INPUT BIAS CURRENT
vs
COMMON-MODE INPUT VOLTAGE
Figure 16
INPUT BIAS CURRENT AND
INPUT OFFSET CURRENT†
vs
FREE-AIR TEMPERATURE
IIO
IIB
TA – Free-Air Temperature – °C
0.001
25
0.01
0.1
1
10
100
45
65
85
105
125
VCC
± = ±15 V
VO = 0
VIC = 0
Figure 17
0
–16
|VCC
±| – Supply Voltage – V
–12
–8
–4
0
4
8
12
16
2
4
6
8
10
12
14
16
TA = 25°C
COMMON-MODE
INPUT VOLTAGE RANGE LIMITS
vs
SUPPLY VOLTAGE
Negative Limit
Positive Limit
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com